Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 33 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 29Page - SMSC Corporation CAM35C44 Datasheet HTML 30Page - SMSC Corporation CAM35C44 Datasheet HTML 31Page - SMSC Corporation CAM35C44 Datasheet HTML 32Page - SMSC Corporation CAM35C44 Datasheet HTML 33Page - SMSC Corporation CAM35C44 Datasheet HTML 34Page - SMSC Corporation CAM35C44 Datasheet HTML 35Page - SMSC Corporation CAM35C44 Datasheet HTML 36Page - SMSC Corporation CAM35C44 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
TABLE 30 - GPIO FUNCTIONAL DESCRIPTION
GPx
ENABLE
1
GPx
OUT
2
GPIOx PIN
DIRECTION
I/O
COMMAND
GPx
DATA
3
DESCRIPTION
1
1
OUTPUT
READ
CURRENT
VALUE
Output pin is active (driven),
reads return last write.
WRITE
NEW VALUE
Output pin is active (driven),
writes update data register.
1
0
INPUT
READ
CURRENT
VALUE
Input pin is active, reads
return the current state of the
pin.
WRITE
NO EFFECT
Input pin is active, writes
have no effect.
0
1
INPUT
READ
LAST VALUE
Output pin is floating, reads
return last active state.
WRITE
NEW VALUE
Output pin is floating, writes
update data register.
0
0
INPUT
READ
LAST VALUE
Input pin is disabled, reads
return last enabled read
state.
WRITE
NO EFFECT
Input pin is disabled, writes
have no effect.
Note
1
This represents a GPIO Enable register bit. The GPIO Enable register is GP00 (see section
GPIOA Enable Register on page 34).
Note
2
This represents a GPIO Direction register bit.
The GPIO Direction register is GP04 (see
section GPIOA Direction Register on page 35).
Note
3
This represents a GPIO Data register bit.
The GPIO Data register is GP02 (see section
GPIOA Data Register on page 35).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com