Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 34 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 30Page - SMSC Corporation CAM35C44 Datasheet HTML 31Page - SMSC Corporation CAM35C44 Datasheet HTML 32Page - SMSC Corporation CAM35C44 Datasheet HTML 33Page - SMSC Corporation CAM35C44 Datasheet HTML 34Page - SMSC Corporation CAM35C44 Datasheet HTML 35Page - SMSC Corporation CAM35C44 Datasheet HTML 36Page - SMSC Corporation CAM35C44 Datasheet HTML 37Page - SMSC Corporation CAM35C44 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
Note: This figure is for illustration purposes only and is not intended to suggest specific
implementation details)
Registers
GPIOA Enable Register
The GPIOA Enable register GP00 contains the
enable bits for the five general purpose I/O pins
(TABLE 31). When any of the GPx_EN bits are
“1”, the associated general purpose I/O pin is
enabled. When any of the GPx_EN bits are “0”,
the
associated
general
purpose
I/O pin is disabled. The affects of the GPx_EN
bits are summarized in TABLE 30. GP00 can be
accessed both in the configuration state and the
run state (see section REGISTER ADDRESS
MAP on page 16 and TABLE 29). The default
value of the GPIOA Enable register after power
up is 00H.
Bits[7:5] in the GPIOA Enable
register are RESERVED.
TABLE 31 - GPIOA ENABLE REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
GP00
R/W
RESERVED
GP4_
EN
GP3_
EN
GP2_
EN
GP1_
EN
GP0_
EN
0x00
1
0
CLK
DQ
D-TYPE
D
Q
G
TRANS-
PARENT
GPx_OUT
GPx_nIOW
GPx_DAT
GPx_nIOR
GPx_EN
GPIOx
FIGURE 7 - GENERAL PURPOSE I/O BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com