Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 24 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 20Page - SMSC Corporation CAM35C44 Datasheet HTML 21Page - SMSC Corporation CAM35C44 Datasheet HTML 22Page - SMSC Corporation CAM35C44 Datasheet HTML 23Page - SMSC Corporation CAM35C44 Datasheet HTML 24Page - SMSC Corporation CAM35C44 Datasheet HTML 25Page - SMSC Corporation CAM35C44 Datasheet HTML 26Page - SMSC Corporation CAM35C44 Datasheet HTML 27Page - SMSC Corporation CAM35C44 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
24
HALF DUPLEX, Bit 2
When the HALF DUPLEX bit D2 is “0” (default),
the 16C550A UART in the IrCC 2.0 is in full
duplex mode. Full duplex mode has no effect on
the IrCC 2.0 SCE.
When the HALF DUPLEX bit is “1”, the IrCC 2.0
is in half duplex mode.
Half duplex mode is
typically required for all infrared transactions.
In half duplex mode, the IR Half Duplex Time-
Out will apply to IrCC 2.0 transmit/receive
direction mode changes (see section CR07 - IR
Half Duplex Time-Out on page 26). The IR Half
Duplex Time-Out does not apply to full duplex
mode.
IR_MODE, Bits 3 - 5
The IR_MODE bits D3 - D5 select the active
IrCC 2.0 encoder/decoder. The default is COM
(TABLE 17).
The IR_MODE bits are equivalent to the three
low-order Block Control bits in the IrCC 2.0 SCE
Configuration Register A.
TABLE 17 - CAM35C44 INFRARED PROTOCOL OPTIONS
IR_MODE[2:0]
D5
D4
D3
MODE
DESCRIPTION
0
0
0
COM
16C550A UART (Default)
0
0
1
IrDA SIR-A
Up to 115.2Kbps, Variable 3/16ths Pulse
0
1
0
ASK IR
500KHz Carrier, Amplitude Shift Keyed IR
0
1
1
IrDA SIR-B
Up to 115.2Kbps, Fixed 1.6
#s Pulse
1
0
0
IrDA HDLC
0.576Mbps and 1.152Mbps
1
0
1
IrDA 4PPM
4Mbps
1
1
0
CONSUMER
Consumer (TV Remote) IR
1
1
1
RAW
Direct IR Diode Control
CR03 - Infrared Control B
The Infrared Control B register CR03 configures
the infrared interface and COM port clock select.
CR03
can
only
be
accessed
in
the
configuration state and only after the CSR has
been initialized to 03H. The default value of this
register after power up is 01H (TABLE 18).
Bits[7:5,3:1] in the Infrared Control B register are
RESERVED.
TABLE 18 - IR CONTROL B REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
CR03
R/W
RESERVED
MIDI
RESERVED
HPMODE
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com