Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 48 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 42Page - SMSC Corporation CAM35C44 Datasheet HTML 43Page - SMSC Corporation CAM35C44 Datasheet HTML 44Page - SMSC Corporation CAM35C44 Datasheet HTML 45Page - SMSC Corporation CAM35C44 Datasheet HTML 46Page - SMSC Corporation CAM35C44 Datasheet HTML 47Page - SMSC Corporation CAM35C44 Datasheet HTML 48Page - SMSC Corporation CAM35C44 Datasheet HTML 49Page - SMSC Corporation CAM35C44 Datasheet HTML 50Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
48
FIGURE 17 - 48 PIN TQFP PACKAGE OUTLINE
MIN
NOMINAL
MAX
REMARK
A
~
~
1.6
Overall Package Height
A1
0.05
0.10
0.15
Standoff
A2
1.35
1.40
1.45
Body Thickness
D
~
9.00
~
X Span
D/2
4.40
4.50
4.60
1/
2 X Span Measure from Centerline
D1
~
7.00
~
X body Size
E
~
9.00
~
Y Span
E/2
4.40
4.50
4.60
1/
2 Y Span Measure from Centerline
E1
~
7.00
~
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length from Centerline
L1
~
1.00
~
Lead Length
e
0.50 Basic
Lead Pitch
%"
0
o
~
7
o
Lead Foot Angle
W
0.17
~
0.27
Lead Width
R1
0.08
~
~
Lead Shoulder Radius



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com