Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 18 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 14Page - SMSC Corporation CAM35C44 Datasheet HTML 15Page - SMSC Corporation CAM35C44 Datasheet HTML 16Page - SMSC Corporation CAM35C44 Datasheet HTML 17Page - SMSC Corporation CAM35C44 Datasheet HTML 18Page - SMSC Corporation CAM35C44 Datasheet HTML 19Page - SMSC Corporation CAM35C44 Datasheet HTML 20Page - SMSC Corporation CAM35C44 Datasheet HTML 21Page - SMSC Corporation CAM35C44 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
18
CONFIGURATION
The CAM35C44 configuration registers are used
to program selectable chip-level device options
(TABLE 13).
The
configuration
registers
can
only
be
programmed through the configuration access
ports that appear when the chip is placed into
the configuration state.
Configuration
register
programming
typically
follows this sequence:
1.
Enter the Configuration State,
2.
Program
the
Configuration
Register(s),
3.
Exit the Configuration State.
If enabled, logical devices in the CAM35C44 will
operate normally in the configuration state.
Configuration Access Ports
The configuration access ports are the config
port, the index port, and the data port (TABLE
11).
The configuration access ports are the only
addressable
registers
in
the
CAM35C44
configuration bank (TABLE 12).
The index port and the data port are only active
in the configuration state.
TABLE 11 - CONFIGURATION ACCESS PORTS
PORT NAME
ADDRESS
DIRECTION
CONFIG PORT
BANK 0, ADDRESS 0
3
WRITE
INDEX PORT
BANK 0, ADDRESS 0
3
READ/WRITE
1,2
DATA PORT
BANK 0, ADDRESS 1
3
READ/WRITE
1
Note
1
The INDEX and DATA ports are active only when the CAM35C44 is in the configuration
state.
Note
2
The INDEX PORT is only readable in the configuration state.
Note
3
The CAM35C44 register banks are described in section REGISTER ADDRESS MAP on
page 16.
The register addresses in the CAM35C44 configuration bank are shown in
TABLE 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com