Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 23 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 19Page - SMSC Corporation CAM35C44 Datasheet HTML 20Page - SMSC Corporation CAM35C44 Datasheet HTML 21Page - SMSC Corporation CAM35C44 Datasheet HTML 22Page - SMSC Corporation CAM35C44 Datasheet HTML 23Page - SMSC Corporation CAM35C44 Datasheet HTML 24Page - SMSC Corporation CAM35C44 Datasheet HTML 25Page - SMSC Corporation CAM35C44 Datasheet HTML 26Page - SMSC Corporation CAM35C44 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23
DRQ_LEV, Bit 0
The DRQ_LEV bit D0 determines the active
state of the DMA Request (DRQ) output pin
(TABLE 1).
If DRQ_LEV is “0” (default), the DRQ pin is
active low. If DRQ_LEV is “1”, the DRQ pin is
active high.
DAC_LEV, Bit 1
The DAC_LEV bit D1 determines the active state
of the DMA Acknowledge (DACK) input pin
(TABLE 1).
If DAC_LEV is “0” (default), the DACK pin is
active low. If DAC_LEV is “1”, the DACK pin is
active high.
CR02 - Infrared Option
The Infrared Option register CR02 determines
the infrared port transmit and receive pin
polarity, the port duplex mode, and the infrared
port protocol.
The controls in the Infrared Option register are
also
duplicated
in
the
IrCC
2.0
SCE
Configuration Register A.
These controls are
arranged such that the last write from either
source determines the current control state and
is visible in both registers.
CR02 can only be accessed in the configuration
state and only after the CSR has been initialized
to 02H. The default value of this register after
power up is 02H (TABLE 16).
Bits[7:6] in the Infrared Option register are
RESERVED.
TABLE 16 - INFRARED OPTION REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
CR02
R/W
RES.
IR_
MODE2
IR_
MODE1
IR_
MODE0
HALF
DUPLEX
XMT_
POL
RCV_
POL
0x02
RCV_POL, Bit 0
The RCV_POL bit D0 defines the active state for
the infrared port receive pins.
If RCV_POL is “0” (default), the IRRX pin is
active low. If RCV_POL is “1”, the IRRX pin is
active high.
The RCV_POL pin has no affect when the port is
configured as a 16C550A UART (see section
IR_MODE, Bits 3 - 5 on page 24).
XMT_POL, Bit 1
The XMT_POL bit D1 defines the active state for
the infrared port transmit pins.
If XMT_POL is “0”, the IRTX pin is active low. If
XMT_POL is “1” (default), the IRTX pin is active
high.
The XMT_POL pin has no affect when the port is
configured as a 16C550A UART (see section
IR_MODE, Bits 3 - 5 on page 24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com