Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 37 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 33Page - SMSC Corporation CAM35C44 Datasheet HTML 34Page - SMSC Corporation CAM35C44 Datasheet HTML 35Page - SMSC Corporation CAM35C44 Datasheet HTML 36Page - SMSC Corporation CAM35C44 Datasheet HTML 37Page - SMSC Corporation CAM35C44 Datasheet HTML 38Page - SMSC Corporation CAM35C44 Datasheet HTML 39Page - SMSC Corporation CAM35C44 Datasheet HTML 40Page - SMSC Corporation CAM35C44 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
37
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 12mA
IOH = -6mA
VIN = 0 to Vcc (Note 1)
O12PD Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 12mA (24mA)
IOH = -6mA (-12mA)
VIN = 0 to Vcc (Note 1)
OCLK Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.2
-10
0.4
+10
V
V
µA
IOL = 2mA
IOH = -2mA
VIN = 0 to Vcc (Note 1)
OD12 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
-10
0.4
+10
V
µA
IOL = 12 mA
VIN = 0 to Vcc (Note 1)
Supply Current Active
Supply Current Standby
ICC
ICSBY
8
2.5
mA
µA
All outputs open.
Note 3
TABLE 34 - DC ELECTRICAL CHARACTERISTICS
Note 1: All output leakages are measured with the current pins in high impedance as defined by the
PWRGD pin.
Note 2: Output leakage is measured with the low driving output off, either for a high level output or
a high impedance state defined by PWRGD.
Note 3: Defined by the device configuration with the PWRGD input low.
Note 4: Junction Temperature rise at 70°C ambient will be approximately 1.7°C. Junction Temperature
rise = Ambient Temp. +0ja x Max. Power; where 0ja = 56.8 and Max. Power = 3.6V x 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com