Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 28 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 24Page - SMSC Corporation CAM35C44 Datasheet HTML 25Page - SMSC Corporation CAM35C44 Datasheet HTML 26Page - SMSC Corporation CAM35C44 Datasheet HTML 27Page - SMSC Corporation CAM35C44 Datasheet HTML 28Page - SMSC Corporation CAM35C44 Datasheet HTML 29Page - SMSC Corporation CAM35C44 Datasheet HTML 30Page - SMSC Corporation CAM35C44 Datasheet HTML 31Page - SMSC Corporation CAM35C44 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
28
Transmitter Auto Power Down
The UART transmitter is powered down from the
auto power down state when the transmit buffer
and transmit shift registers are empty.
Receiver Auto Power Down
The UART receiver is powered down from the
auto power state when the receive FIFO is
empty and the receiver is waiting for a start bit.
Ring Indicator Auto Power Down
When the UART is powered down from the auto
power state, a Ring Indicator interrupt can occur
on active transitions of the Ring Indicator input
nRI.
Exit Auto Power Down
The transmitter exits the auto power down state
on a write to the transmit buffer. The receiver
exits the auto power down state when the
receiver input RXD changes state.
TABLE 24 - ACE UART POWER STATES
ACE_ON
(D1)
AUTO_PWR
(D4)
DESCRIPTION
0
X
ACE POWER OFF
1
0
ACE POWER ON
1
1
ACE AUTO POWER DOWN
INT_OSC, Bit 5
The INT_ OSC bit D5 selects the clock source
for the CAM35C44 clock generator (see section
CLOCK
GENERATOR
on
page
12).
When INT_OSC is “0” (default), the clock
generator is driven by an external clock source.
When INT_OSC is “1”, the clock generator is
driven by the internal crystal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com