Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 40 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 36Page - SMSC Corporation CAM35C44 Datasheet HTML 37Page - SMSC Corporation CAM35C44 Datasheet HTML 38Page - SMSC Corporation CAM35C44 Datasheet HTML 39Page - SMSC Corporation CAM35C44 Datasheet HTML 40Page - SMSC Corporation CAM35C44 Datasheet HTML 41Page - SMSC Corporation CAM35C44 Datasheet HTML 42Page - SMSC Corporation CAM35C44 Datasheet HTML 43Page - SMSC Corporation CAM35C44 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
40
Read Cycle Timing (Multiplexed)
TABLE 37 - READ CYCLE TIMING PARAMETERS (MULTIPLEXED ADDRESS AND DATA)
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Address Strobe Setup Time
30
ns
t2
Read Pulse Active to Data Valid
55
ns
t3
Read Pulse Width
85
ns
t4
Address Strobe Inactive to Chip Select Active
0
8
ns
t5
Chip Select Active to Read Pulse Active
15
ns
t6
Data Hold Time
5
ns
t7
Address Strobe Hold Time
5
15
ns
t8
Address Strobe Pulse Width
23
ns
t9
Note 1
Read Pulse Active to Chip Select Inactive
15
ns
t10
Address Strobe Inactive to Read Pulse
Active
15
Note 1: Chip select must be latched internally and released when read pulse goes inactive.
t8
t8
t3
t3
t4
t9
t1
t5
t10
t7
t2
t6
Address
Data
nCS
ASTRB
nRD
AD[7:0]
FIGURE 11 - READ CYCLE (MULTIPLEXED ADDRESS AND DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com