Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 45 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 41Page - Silicon Laboratories EM357-RTR Datasheet HTML 42Page - Silicon Laboratories EM357-RTR Datasheet HTML 43Page - Silicon Laboratories EM357-RTR Datasheet HTML 44Page - Silicon Laboratories EM357-RTR Datasheet HTML 45Page - Silicon Laboratories EM357-RTR Datasheet HTML 46Page - Silicon Laboratories EM357-RTR Datasheet HTML 47Page - Silicon Laboratories EM357-RTR Datasheet HTML 48Page - Silicon Laboratories EM357-RTR Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 241 page
background image
Rev 1.3
45
6.4. System Timers
6.4.1. Watchdog Timer
The EM35x integrates a watchdog timer which can be enabled to provide protection against software crashes and
ARM® CortexTM-M3 CPU lockup. By default, it is disabled at power up of the always-on power domain. The
watchdog timer uses the calibrated 1 kHz clock (CLK1K) as its reference and provides a nominal 2.048 s timeout.
A low water mark interrupt occurs at 1.792 s and triggers an NMI to the ARM® CortexTM-M3 NVIC as an early
warning. When the watchdog is enabled, the timer must be periodically reset before it expires. The watchdog timer
is paused when the debugger halts the ARM® CortexTM-M3. Additionally, the Ember software that implements
deep sleep functionality disables the watchdog when entering deep sleep and restores the watchdog, if it was
enabled, when exiting deep sleep.
Ember software provides an API for enabling, resetting, and disabling the watchdog timer.
6.4.2. Sleep Timer
The EM35x integrates a 32-bit timer dedicated to system timing and waking from sleep at specific times. The sleep
timer can use either the calibrated 1 kHz reference (CLK1K), or the 32 kHz crystal clock (CLK32K). The default
clock source is the internal 1 kHz clock.
The sleep timer has a prescaler, a divider of the form 2^N, where N can be programmed from 1 to 2^15. This
divider allows for very long periods of sleep to be timed. Ember software’s default configuration is to use the
prescaler to always produce a 1024 Hz sleep timer tick. The timer provides two compare outputs and wrap
detection, all of which can be used to generate an interrupt or a wake up event.
While it is possible to do so, by default the sleep timer is not paused when the debugger halts the ARM® CortexTM-
M3. Silicon Labs does not advise pausing the sleep timer when the debugger halts the CPU.
To save current during deep sleep, the low-frequency internal RC oscillator (OSCRC) can be turned off. If OSCRC
is turned off during deep sleep and a low-frequency 32.768 kHz crystal oscillator is not being used, then the sleep
timer will not operate during deep sleep and sleep timer wake events cannot be used to wake up the EM35x.
Ember software provides the system timer software API for interacting with the sleep timer as well as using the
sleep timer and RC oscillator during deep sleep.
Note:
Because the system timer software module handles all interactions with the sleep timer, the module will return the cor-
rect value in all situations. In the situation where the chip performs a deep sleep that maintains the system time and is
woken up from an external event (that is, not a sleep timer event), the deep sleep module in the Ember software delays
until the next sleep timer clock tick (up to 1 ms) to guarantee that the sleep timer updates correctly.
6.4.3. Event Timer
The SysTick timer is an ARM® standard system timer in the NVIC. The SysTick timer can be clocked from either
the FCLK (the clock going into the CPU) or the Sleep Timer clock. FCLK is either the SYSCLK or PCLK as selected
by CPU_CLKSEL register (see “6.3.5. Clock Switching” ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com