Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 80 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 80 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 76Page - Silicon Laboratories EM357-RTR Datasheet HTML 77Page - Silicon Laboratories EM357-RTR Datasheet HTML 78Page - Silicon Laboratories EM357-RTR Datasheet HTML 79Page - Silicon Laboratories EM357-RTR Datasheet HTML 80Page - Silicon Laboratories EM357-RTR Datasheet HTML 81Page - Silicon Laboratories EM357-RTR Datasheet HTML 82Page - Silicon Laboratories EM357-RTR Datasheet HTML 83Page - Silicon Laboratories EM357-RTR Datasheet HTML 84Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 241 page
background image
Rev 1.3
80
SC1SPICFG: Address: 0x4000C858 Reset: 0x0
SC2SPICFG: Address: 0x4000C058 Reset: 0x0
Register 8.6. SCx_SPICFG
SC1SPICFG: SPI Configuration Register
SC2SPICFG: SPI Configuration Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
SC_SPIRXDRV
SC_SPIMST
SC_SPIRPT
SC_SPIORD
SC_SPIPHA
SC_SPIPOL
Bitname
Bitfield
Access
Description
SC_SPIRXDRV
[5]
RW
Receiver-driven mode selection bit (SPI master mode only). Clear this bit to initiate
transactions when transmit data is available. Set this bit to initiate transactions when
the receive buffer (FIFO or DMA) has space.
SC_SPIMST
[4]
RW
Set this bit to put the SPI in master mode, clear this bit to put the SPI in slave mode.
SC_SPIRPT
[3]
RW
This bit controls behavior when the transmit serializer must send a byte and there is no
data already available in/to the serializer. The conditions for sending this “busy” token
are transmit buffer underrun condition when using DMA in master or slave mode,
empty FIFO in slave mode, and the busy token will always be sent as the first byte
every
time nSSEL is asserted while operating in slave mode. Clear this bit to send the
BUSY token (0xFF) and set this bit to repeat the last byte. Changes to this bit take
effect when the transmit FIFO is empty and the transmit serializer is idle. Note that
when the chip comes out of reset, if SC_SPIRPT is set before any data has been trans-
mitted and no data is available (in the FIFO), the “last byte” that will be transmitted after
the padding byte is 0x00 due to the FIFO having been reset to 0x00.
SC_SPIORD
[2]
RW
This bit specifies the bit order in which SPI data is transmitted and received.
0: Most significant bit first.
1: Least significant bit first.
SC_SPIPHA
[1]
RW
Clock phase configuration: clear this bit to sample on the leading (first edge) and set
this bit to sample on the second edge.
SC_SPIPOL
[0]
RW
Clock polarity configuration: clear this bit for a rising leading edge and set this bit for a
falling leading edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com