Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 37 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 37 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 33Page - Silicon Laboratories EM357-RTR Datasheet HTML 34Page - Silicon Laboratories EM357-RTR Datasheet HTML 35Page - Silicon Laboratories EM357-RTR Datasheet HTML 36Page - Silicon Laboratories EM357-RTR Datasheet HTML 37Page - Silicon Laboratories EM357-RTR Datasheet HTML 38Page - Silicon Laboratories EM357-RTR Datasheet HTML 39Page - Silicon Laboratories EM357-RTR Datasheet HTML 40Page - Silicon Laboratories EM357-RTR Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 241 page
background image
Rev 1.3
37
6.2. Resets
The EM35x resets are generated from a number of sources. Each of these reset sources feeds into central reset
detection logic that causes various parts of the system to be reset depending on the state of the system and the
nature of the reset event.
6.2.1. Reset Sources
6.2.1.1. Power-On-Resets (POR HV and POR LV)
The EM35x measures the voltage levels supplied to the three power domains. If a supply voltage drops below a
low threshold, then a reset is applied. The reset is released if the supply voltage rises above a high threshold.
There are three detection circuits for power-on-reset as follows:

POR HV monitors the always-on domain supply voltage. Thresholds are given in Table 6.1.

POR LV core monitors the core domain supply voltage. Thresholds are given in Table 6.2.

POR LV mem monitors the memory supply voltage. Thresholds are given in Table 6.3.
The POR LVcore and POR LVmem reset sources are merged to provide a single reset source, POR LV, to the
Reset Generation module, since the detection of either event needs to reset the same system modules.
Table 6.1. POR HV Thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
Always-on domain release
0.62
0.95
1.20
V
Always-on domain assert
0.45
0.65
0.85
V
Supply rise time
From 0.5 V to 1.7 V
250
µs
Table 6.2. POR LVcore Thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.25 V domain release
0.9
1.0
1.1
V
1.25 V domain assert
0.8
0.9
1.0
V
Table 6.3. POR LVmem Thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.8 V domain release
1.35
1.5
1.65
V
1.8 V domain assert
1.26
1.4
1.54
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com