Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 95 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 95 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 91Page - Silicon Laboratories EM357-RTR Datasheet HTML 92Page - Silicon Laboratories EM357-RTR Datasheet HTML 93Page - Silicon Laboratories EM357-RTR Datasheet HTML 94Page - Silicon Laboratories EM357-RTR Datasheet HTML 95Page - Silicon Laboratories EM357-RTR Datasheet HTML 96Page - Silicon Laboratories EM357-RTR Datasheet HTML 97Page - Silicon Laboratories EM357-RTR Datasheet HTML 98Page - Silicon Laboratories EM357-RTR Datasheet HTML 99Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 241 page
background image
95
Rev 1.3
For example, if the baud rate tolerance between receive and transmit is 200 ppm (reasonable if both sides are
derived from a crystal), and the baud rate is 115200 bps, then errors will not occur until the inter-byte gap exceeds
43 ms. If the gap is exceeded then the chance of an error is essentially random, with a probability of approximately
P = baud / 24e6. At 115200 bps, the probability of corruption is 0.5%.
The UART character frame format is determined by four bits in the SC1_UARTCFG register:

SC_UART8BIT specifies the number of data bits in received and transmitted characters. If this bit is clear,
characters have 7 data bits; if set, characters have 8 data bits.

SC_UART2STP selects the number of stop bits in transmitted characters. (Only one stop bit is required in
received characters.) If this bit is clear, characters are transmitted with one stop bit; if set, characters are
transmitted with two stop bits.

SC_UARTPAR controls whether or not received and transmitted characters include a parity bit. If
SC_UARTPAR is clear, characters do not contain a parity bit, otherwise, characters do contain a parity bit.

SC_UARTODD specifies whether transmitted and received parity bits contain odd or even parity. If this bit
is clear, the parity bit is even, and if set, the parity bit is odd. Even parity is the exclusive-or of all of the data
bits, and odd parity is the inverse of the even parity value. SC_UARTODD has no effect if SC_UARTPAR is
clear.
A UART character frame contains, in sequence:

The start bit

The least significant data bit

The remaining data bits

If parity is enabled, the parity bit

The stop bit, or bits, if 2 stop bits are selected.
Figure 8.3 shows the UART character frame format, with optional bits indicated. Depending on the options chosen
for the character frame, the length of a character frame ranges from 9 to 12 bit times.
Note that asynchronous serial data may have arbitrarily long idle periods between characters. When idle, serial
data (TXD or RXD) is held in the high state. Serial data transitions to the low state in the start bit at the beginning of
a character frame.
Figure 8.3. UART Character Frame Format
Idle time
Start
Bit
Data
Bit 0
Data
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
Bit 7
Parity
Bit
Stop
Bit
Stop
Bit
Next
Start Bit
or
IdleTime
UART Character Frame Format
(optional sections are in italics)
TXD
or
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com