Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 28 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 24Page - Silicon Laboratories EM357-RTR Datasheet HTML 25Page - Silicon Laboratories EM357-RTR Datasheet HTML 26Page - Silicon Laboratories EM357-RTR Datasheet HTML 27Page - Silicon Laboratories EM357-RTR Datasheet HTML 28Page - Silicon Laboratories EM357-RTR Datasheet HTML 29Page - Silicon Laboratories EM357-RTR Datasheet HTML 30Page - Silicon Laboratories EM357-RTR Datasheet HTML 31Page - Silicon Laboratories EM357-RTR Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 241 page
background image
28
Rev 1.3
Figure 5.1. EM351 ARM® CortexTM-M3 Memory Map
Main Flash Block (128kB)
Lower mapping
(Normal Mode)
0x00000000
0x0001FFFF
RAM (12kB)
mapped onto System
interface
0x20000000
0x20002FFF
RAM bit band
alias region
mapped onto System
interface
(not used)
0x22000000
0x22002000
Flash
RAM
Peripheral
Registers
mapped onto System
interface
Register bit band
alias region
mapped onto System
interface
(not used)
0x40000000
0x40000XXX
0x42000000
0x42002XXX
Not used
Private periph bus (internal)
Not used
Private periph bus (external)
Not used
Not used
Not used
0xE0000000
ITM
DWT
FPB
NVIC
TPIU
ROM table
0xE0001000
0xE0002000
0xE0003000
0xE000E000
0xE000F000
0xE003FFFF
0xE0040000
0xE0041000
0xE0042000
0xE00FF000
0xE00FFFFF
Fixed Info Block (2kB)
0x08040000
0x080407FF
0x08040FFF
0x08040800
Main Flash Block (128kB)
Upper mapping
(Boot mode)
0x08000000
0x0801FFFF
Fixed Info Block (2kB)
Optional boot mode
maps Fixed Info Block
to the start of memory
0x000007FF
Not used
Not used
Customer Info Block (2kB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com