Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 53 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 53 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 49Page - Silicon Laboratories EM357-RTR Datasheet HTML 50Page - Silicon Laboratories EM357-RTR Datasheet HTML 51Page - Silicon Laboratories EM357-RTR Datasheet HTML 52Page - Silicon Laboratories EM357-RTR Datasheet HTML 53Page - Silicon Laboratories EM357-RTR Datasheet HTML 54Page - Silicon Laboratories EM357-RTR Datasheet HTML 55Page - Silicon Laboratories EM357-RTR Datasheet HTML 56Page - Silicon Laboratories EM357-RTR Datasheet HTML 57Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 241 page
background image
53
Rev 1.3
Note:
An application must disable all debug SWJ debug functionality to reclaim any of the four GPIOs: PC0, PC2, PC3, and
PC4. Disabling SWJ debug functionality prevents external debug tools from operating, including flash programming and
high-level debug tools.
Disabling the SWJ debugger interface is accomplished by setting the GPIO_DEBUGDIS bit in the GPIO_DBGCFG
register. When this bit is set, all debugger-related pins (PC0, PC2, PC3, PC4) behave as standard GPIOs. If the
SWJ debugger interface is already active, the bit GPIO_DEBUGDIS cannot be set. When GPIO_DEBUGDIS is
set, the SWJ debugger interface can be reclaimed by activating the SWJ while the EM35x is held in reset. If the
SWJ debugger interface is forced active in this manner, the bit GPIO_FORCEDBG is set in the GPIO_DBGSTAT
register. The SWJ debugger interface is defined as active when the CDBGPWRUPREQ signal, a bit in the debug
port’s CRTL/STAT register in the SWJ, is set high by an external debug tool.
7.4. Reset
A full chip reset is one due to power on (low or high voltage), the nRESET pin, the watchdog, or the
SYSRESETREQ bit. A full chip reset affects the GPIO configuration as follows:

The GPIO_PxCFGH/L configurations of all pins are configured as floating inputs.

The GPIO_EXTREGEN bit is set in the GPIO_DBGCFG register, which overrides the normal configuration
for PA7.

The GPIO_DEBUGDIS bit in the GPIO_DBGCFG register is cleared, allowing Serial Wire/JTAG access to
override the normal configuration of PC0, PC2, PC3, and PC4.
7.5. Boot Configuration
nBOOTMODE is a special alternate function of PA5 that is active only during a pin reset (nRESET) or a power-on-
reset of the always-powered domain (POR HV). If nBOOTMODE is asserted (pulled or driven low) when coming
out of reset, the processor starts executing an embedded serial-link-only monitor instead of its normal program.
While in reset and during the subsequent power-on-reset startup delay (512 OSCHF clocks), PA5 is automatically
configured as an input with a pull-up resistor. At the end of this time, the EM35x samples nBOOTMODE: a high
level selects normal boot mode, and a low level selects the embedded monitor. Figure 7.2 shows the timing
parameters for invoking monitor mode from a pin (nRESET) reset. Because OSCHF is running uncalibrated during
the reset sequence, the time for 512 OSCHF clocks may vary as indicated.
Figure 7.2. nBOOTMODE and nRESET Timing
Timing for a power-on-reset is similar except that OSCHF does not begin oscillating until up to 70 µsec after both
core and HV supplies are valid. Combined with the maximum 250 µsec allowed for HV to ramp from 0.5 V to 1.7 V,
an additional 320 µsec may be added to the 512 OSCHF clocks until nBOOTMODE is sampled.
. . .
nRESET
OSCHF
. . .
. . .
nBOOTMODE
26
µsec min
. . .
. . .
. . .
512 clocks;
26
µsec min – 85 µsec max
nBOOTMODE Sampled;
FIB Monitor mode entered
nBOOTMODE Sampled by
FIB Monitor code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com