Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 84 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 84 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 80Page - Silicon Laboratories EM357-RTR Datasheet HTML 81Page - Silicon Laboratories EM357-RTR Datasheet HTML 82Page - Silicon Laboratories EM357-RTR Datasheet HTML 83Page - Silicon Laboratories EM357-RTR Datasheet HTML 84Page - Silicon Laboratories EM357-RTR Datasheet HTML 85Page - Silicon Laboratories EM357-RTR Datasheet HTML 86Page - Silicon Laboratories EM357-RTR Datasheet HTML 87Page - Silicon Laboratories EM357-RTR Datasheet HTML 88Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 241 page
background image
Rev 1.3
84
8.4. SPI—Slave Mode
Both SC1 and SC2 SPI controllers include a SPI slave controller with these features:

Full duplex operation

Up to 5 Mbps data transfer rate

Programmable clock polarity and clock phase

Selectable data shift direction (either LSB or MSB first)

Slave select input
8.4.1. GPIO Usage
The SPI slave controller uses four signals:

MOSI (Master Out, Slave In) - inputs serial data from the master

MISO (Master In, Slave Out) - outputs serial data to the master

SCLK (Serial Clock) - clocks data transfers on MOSI and MISO

nSSEL (Slave Select) - enables serial communication with the slave
Note:
The SPI slave controller does not tri-state the MISO signal when slave select is deasserted.
The GPIO pins that can be assigned to these signals are shown in Table 8.5.
Table 8.5. SPI Slave GPIO Usage
MOSI
MISO
SCLK
nSSEL
Direction
Input
Output
Input
Input
GPIO Configuration
Input
Alternate Output
(push-pull)
Input
Input
SC1 pin
PB2
PB1
PB3
PB4
SC2 pin
PA0
PA1
PA2
PA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com