Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 76 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 76 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 72Page - Silicon Laboratories EM357-RTR Datasheet HTML 73Page - Silicon Laboratories EM357-RTR Datasheet HTML 74Page - Silicon Laboratories EM357-RTR Datasheet HTML 75Page - Silicon Laboratories EM357-RTR Datasheet HTML 76Page - Silicon Laboratories EM357-RTR Datasheet HTML 77Page - Silicon Laboratories EM357-RTR Datasheet HTML 78Page - Silicon Laboratories EM357-RTR Datasheet HTML 79Page - Silicon Laboratories EM357-RTR Datasheet HTML 80Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 241 page
background image
Rev 1.3
76
8.3. SPI—Master Mode
The SPI master controller has the following features:

Full duplex operation

Programmable clock frequency (12 MHz max.)

Programmable clock polarity and phase

Selectable data shift direction (either LSB or MSB first)

Receive and transmit FIFOs

Receive and transmit DMA channels
8.3.1. GPIO Usage
The SPI master controller uses the three signals:

MOSI (Master Out, Slave In) - outputs serial data from the master

MISO (Master In, Slave Out) - inputs serial data from a slave

SCLK (Serial Clock) - outputs the serial clock used by MOSI and MISO
The GPIO pins used for these signals are shown in Table 8.3. Additional outputs may be needed to drive the
nSSEL signals on slave devices.
8.3.2. Set Up and Configuration
Both serial controllers, SC1 and SC2, support SPI master mode. SPI master mode is enabled by the following
register settings:

The serial controller mode register (SCx_MODE) is 2.

The SC_SPIMST bit in the SPI configuration register (SCx_SPICFG) is 1.
The SPI serial clock (SCLK) is produced by a programmable clock generator. The serial clock is produced by
dividing down 12 MHz according to this equation:
EXP is the value written to the SCx_RATEEXP register, and LIN is the value written to the SCx_RATELIN register.
EXP and LIN can both be zero, so the SPI master mode clock may be 12 Mbps.
The SPI master controller supports various frame formats depending upon the clock polarity (SC_SPIPOL), clock
phase (SC_SPIPHA), and direction of data (SC_SPIORD) (see Table 8.4). The bits SC_SPIPOL, SC_SPIPHA,
and SC_SPIORD are defined within the SCx_SPICFG register.
Table 8.3. SPI Master GPIO Usage
MOSI
MISO
SCLK
Direction
Output
Input
Output
GPIO Configuration
Alternate Output
(push-pull)
Input
Alternate Output
(push-pull)
SC1 pin
PB1
PB2
PB3
SC2 pin
PA0
PA1
PA2
rate
12 MHz
LIN 1
+
 2
EXP
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com