Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 27 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 23Page - Silicon Laboratories EM357-RTR Datasheet HTML 24Page - Silicon Laboratories EM357-RTR Datasheet HTML 25Page - Silicon Laboratories EM357-RTR Datasheet HTML 26Page - Silicon Laboratories EM357-RTR Datasheet HTML 27Page - Silicon Laboratories EM357-RTR Datasheet HTML 28Page - Silicon Laboratories EM357-RTR Datasheet HTML 29Page - Silicon Laboratories EM357-RTR Datasheet HTML 30Page - Silicon Laboratories EM357-RTR Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 241 page
background image
Rev 1.3
27
5. ARM® Cortex™-M3 and Memory Modules
This chapter discusses the ARM® CortexTM-M3 Microprocessor, and reviews the EM35x’s flash and RAM memory
modules as well as the Memory Protection Unit (MPU).
5.1. ARM
® Cortex™-M3 Microprocessor
The EM35x integrates the ARM® CortexTM-M3 microprocessor, revision r1p1, developed by ARM Ltd., making the
EM35x a true System-on-Chip solution. The ARM® CortexTM-M3 is an advanced 32-bit modified Harvard
architecture processor that has separate internal program and data buses, but presents a unified program and data
address space to software. The word width is 32 bits for both the program and data sides. The ARM® CortexTM-M3
allows unaligned word and half-word data accesses to support efficiently-packed data structures.
The ARM® CortexTM-M3 clock speed is configurable to 6 , 12 , or 24 MHz. For normal operation 24 MHz is
preferred over 12 MHz due to improved performance for all applications and improved duty cycling for applications
using sleep modes. The 6 MHz operation can only be used when radio operations are not required since the radio
requires an accurate 12 MHz clock.
The ARM® CortexTM-M3 in the EM35x has also been enhanced to support two separate memory protection levels.
Basic protection is available without using the MPU, but normal operation uses the MPU. The MPU allows for
protecting unimplemented areas of the memory map to prevent common software bugs from interfering with
software operation. The architecture could also allow for separation of the networking stack from the application
code using a fine granularity RAM protection module. Errant writes are captured and details are reported to the
developer to assist in tracking down and fixing issues.
5.2. Embedded Memory
Figure 5.1 shows the EM351 ARM® CortexTM-M3 memory map and Figure 5.2 shows the EM357 ARM® CortexTM-
M3 memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com