Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 86 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 86 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 82Page - Silicon Laboratories EM357-RTR Datasheet HTML 83Page - Silicon Laboratories EM357-RTR Datasheet HTML 84Page - Silicon Laboratories EM357-RTR Datasheet HTML 85Page - Silicon Laboratories EM357-RTR Datasheet HTML 86Page - Silicon Laboratories EM357-RTR Datasheet HTML 87Page - Silicon Laboratories EM357-RTR Datasheet HTML 88Page - Silicon Laboratories EM357-RTR Datasheet HTML 89Page - Silicon Laboratories EM357-RTR Datasheet HTML 90Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 241 page
background image
Rev 1.3
86
8.4.3. Operation
When the slave select (nSSEL) signal is asserted by the master, SPI transmit data is driven to the output pin MISO,
and SPI data is received from the input pin MOSI. The nSSEL pin has to be asserted to enable the transmit
serializer to drive data to the output signal MISO. A falling edge on nSSEL resets the SPI slave shift registers.
Note:
The SPI slave controller does not tri-state the MISO signal when slave select is deasserted.
Characters transmitted and received by the SPI slave controller are buffered in the transmit and receive FIFOs that
are both four entries deep. When software writes a character to the SCx_DATA register, it is pushed onto the
transmit FIFO. Similarly, when software reads from the SCx_DATA register, the character returned is pulled from
the receive FIFO. If the transmit and receive DMA channels are used, the DMA channels also write to and read
from the transmit and receive FIFOs.
Characters received are stored in the receive FIFO. Receiving characters sets the SC_SPIRXVAL bit in the
SCx_SPISTAT register, to indicate that characters can be read from the receive FIFO. Characters received while
the receive FIFO is full are dropped, and the SC_SPIRXOVF bit in the SCx_SPISTAT register is set. The receive
FIFO hardware generates the INT_SCRXOVF interrupt, but the DMA register will not indicate the error condition
until the receive FIFO is drained. Once the DMA marks a receive error, two conditions will clear the error indication:
setting the appropriate SC_TX/RXDMARST bit in the SCx_DMACTRL register, or loading the appropriate DMA
buffer after it has unloaded.
Receiving a character causes the serial transmission of a character pulled from the transmit FIFO. When the
transmit FIFO is empty, a transmit underrun is detected (no data in transmit FIFO) and the INT_SCTXUND bit in
the INT_SCxFLAG register is set. Because no character is available for serialization, the SPI serializer retransmits
the last transmitted character or a busy token (0xFF), determined by the SC_SPIRPT bit in the SCx_SPICFG
register. Refer to the register description of SCx_SPICFG for more detailed information about SC_SPIRPT.
When the transmit FIFO and the serializer are both empty, writing a character to the transmit FIFO clears the
SC_SPITXIDLE bit in the SCx_SPISTAT register. This indicates that not all characters have been transmitted. If
characters are written to the transmit FIFO until it is full, the SC_SPITXFREE bit in the SCx_SPISTAT register is
cleared. Shifting out a transmit character to the MISO pin causes the SC_SPITXFREE bit in the SCx_SPISTAT
register to get set. When the transmit FIFO empties and the last character has been shifted out, the
SC_SPITXIDLE bit in the SCx_SPISTAT register is set.
The SPI slave controller must guarantee that there is time to move new transmit data from the transmit FIFO into
the hardware serializer. To provide sufficient time, the SPI slave controller inserts a byte of padding at the start of
every new string of transmit data defined by every time nSSEL is asserted. This byte is inserted as if this byte was
placed there by software. The value of the byte of padding is always 0xFF.
8.4.4. DMA
The DMA Channels "8.7. DMA Channels" on page 101 describes how to configure and use the serial receive and
transmit DMA channels.
When using the receive DMA channel and nSSEL transitions to the high (deasserted) state, the active buffer's
receive DMA count register (SCx_RXCNTA/B) is saved in the SCx_RXCNTSAVED register. SCx_RXCNTSAVED
is only written the first time nSSEL goes high after a buffer has been loaded. Subsequent rising edges set a status
bit but are otherwise ignored. The 3-bit field SC_RXSSEL in the SCx_DMASTAT register records what, if anything,
was saved to the SCx_RXCNTSAVED register, and whether or not another rising edge occurred on nSSEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com