Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 88 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 88 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 84Page - Silicon Laboratories EM357-RTR Datasheet HTML 85Page - Silicon Laboratories EM357-RTR Datasheet HTML 86Page - Silicon Laboratories EM357-RTR Datasheet HTML 87Page - Silicon Laboratories EM357-RTR Datasheet HTML 88Page - Silicon Laboratories EM357-RTR Datasheet HTML 89Page - Silicon Laboratories EM357-RTR Datasheet HTML 90Page - Silicon Laboratories EM357-RTR Datasheet HTML 91Page - Silicon Laboratories EM357-RTR Datasheet HTML 92Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 241 page
background image
Rev 1.3
88
8.5.2. Set Up and Configuration
The TWI controller is enabled by writing 3 to the SCx_MODE register. The TWI controller operates only in master
mode and supports both Standard (100 kbps) and Fast (400 kbps) TWI modes. Address arbitration is not
implemented, so multiple master applications are not supported.
The TWI master controller's serial clock (SCL) is produced by a programmable clock generator. SCL is produced
by dividing down 12 MHz according to the following equation:
EXP is the value written to the SCx_RATEEXP register and LIN is the value written to the SCx_RATELIN register.
Table 8.8 shows the rate settings for Standard-Mode TWI (100 kbps) and Fast-Mode TWI (400 kbps) operation.
The EM35x supports clock stretching. The slave device can hold SCL low on any received or transmitted data bit.
This inhibits further data transfers until SCL is allowed to go high again.
Table 8.8. TWI Clock Rate Programming
Clock Rate
SCx_RATELIN
SCx_RATEEXP
100 kbps
14
3
375 kbps*
15
1
400 kbps*
14
1
*Note:
At 400 kbps, the Philips I2C Bus specification requires the minimum low period of SCL to be 1.3 µs, but on
the EM35x it is 1.25 µs. If a slave device requires strict compliance with SCL timing, the clock rate must be
lowered to 375 kbps.
rate
12 MHz
LIN 1
+
 2
EXP
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com