Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 33 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 29Page - Silicon Laboratories EM357-RTR Datasheet HTML 30Page - Silicon Laboratories EM357-RTR Datasheet HTML 31Page - Silicon Laboratories EM357-RTR Datasheet HTML 32Page - Silicon Laboratories EM357-RTR Datasheet HTML 33Page - Silicon Laboratories EM357-RTR Datasheet HTML 34Page - Silicon Laboratories EM357-RTR Datasheet HTML 35Page - Silicon Laboratories EM357-RTR Datasheet HTML 36Page - Silicon Laboratories EM357-RTR Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 241 page
background image
Rev 1.3
33
5.2.1.5. Simulated EEPROM
Ember software reserves 8 kB of the main flash block as a simulated EEPROM storage area for stack and
customer tokens. The simulated EEPROM storage area implements a wear-leveling algorithm to extend the
number of simulated EEPROM write cycles beyond the physical limit of 20,000 write cycles for which each flash
cell is qualified.
5.2.2. RAM
5.2.2.1. RAM Overview
The EM35x has 12 kB of static RAM on-chip. The start of RAM is mapped to address 0x20000000. Although the
ARM® CortexTM-M3 allows bit band accesses to this address region, the standard MPU configuration does not
permit use of the bit-band feature.
The RAM is physically connected to the AHB System bus and is therefore accessible to both the ARM® CortexTM-
M3 microprocessor and the debugger. The RAM can be accessed for both instruction and data fetches as bytes,
half words, or words. The standard MPU configuration does not permit execution from the RAM, but for special
purposes the MPU may be disabled. To the bus, the RAM appears as 32-bit wide memory and in most situations
has zero wait state read or write access. In the higher CPU clock mode the RAM requires two wait states. This is
handled by hardware transparent to the user application with no configuration required.
5.2.2.2. Direct Memory Access (DMA) to RAM
Several of the peripherals are equipped with DMA controllers allowing them to transfer data into and out of RAM
autonomously. This applies to the radio (802.15.4-2003 MAC), general purpose ADC, and both serial controllers. In
the case of the serial controllers, the DMA is full duplex so that a read and a write to RAM may be requested at the
same time. Thus there are six DMA channels in total. See "8.7. DMA Channels" on page 101 and "10.1.4. DMA" on
page 174 for a description of how to configure the serial controllers and ADC for DMA operation. The DMA
channels do not use AHB system bus bandwidth as they access the RAM directly.
The EM35x integrates a DMA arbiter that ensures fair access to the microprocessor as well as the peripherals
through a fixed priority scheme appropriate to the memory bandwidth requirements of each master. The priority
scheme is as follows, with the top peripheral being the highest priority:
1. General Purpose ADC
2. Serial Controller 2 Receive
3. Serial Controller 2 Transmit
4. MAC
5. Serial Controller 1 Receive
6. Serial Controller 1 Transmit
5.2.2.3. RAM Memory Protection
The EM35x integrates two memory protection mechanisms. The first memory protection mechanism is through the
ARM® CortexTM-M3 Memory Protection Unit (MPU) described in “5.3. Memory Protection Unit”. The MPU may be
used to protect any area of memory. MPU configuration is normally handled by Ember software. The second
memory protection mechanism is through a fine granularity RAM protection module. This allows segmentation of
the RAM into 32-byte blocks where any block can be marked as write protected. An attempt to write to a protected
RAM block using a user mode write results in a bus error being signaled on the AHB System bus. A privileged
mode write is allowed at any time and reads are allowed in either mode. The main purpose of this fine granularity
RAM protection module is to notify the software of erroneous writes to system areas of memory. RAM protection is
configured using a group of registers that provide a bit map. Each bit in the map represents a 32-byte block of
RAM. When the bit is set the block is write-protected.
The fine granularity RAM memory protection mechanism is also available to the peripheral DMA controllers. A
register bit enables protection from DMA writes to protected memory. If a DMA write is made to a protected location
in RAM, a management interrupt is generated. At the same time the faulting address and the identification of the
peripheral is captured for later debugging. Note that only peripherals capable of writing data to RAM, such as
received packet data or a received serial port character, can generate this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com