Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 54 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 54 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 50Page - Silicon Laboratories EM357-RTR Datasheet HTML 51Page - Silicon Laboratories EM357-RTR Datasheet HTML 52Page - Silicon Laboratories EM357-RTR Datasheet HTML 53Page - Silicon Laboratories EM357-RTR Datasheet HTML 54Page - Silicon Laboratories EM357-RTR Datasheet HTML 55Page - Silicon Laboratories EM357-RTR Datasheet HTML 56Page - Silicon Laboratories EM357-RTR Datasheet HTML 57Page - Silicon Laboratories EM357-RTR Datasheet HTML 58Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 241 page
background image
Rev 1.3
54
If the monitor mode is selected (nBOOTMODE is low after 512 clocks), the FIB monitor software begins execution.
In order to filter out inadvertent jumps into the monitor, the FIB monitor re-samples the nBOOTMODE signal after a
3 ms delay. If the signal is still low, then the device stays in monitor mode. If the signal is high, then monitor mode
is exited and the normal program begins execution. In summary, the nBOOTMODE signal must be held low for
4 ms in order to properly invoke the FIB monitor.
After nBOOTMODE has been sampled, PA5 is configured as a floating input like the other GPIO configurations.
The GPIO_BOOTMODE bit in the GPIO_DBGSTAT register captures the state of nBOOTMODE so that software
may act on this signal if required.
Note:
To avoid inadvertently asserting nBOOTMODE, PA5’s capacitive load may not exceed 250 pF.
7.6. GPIO Modes
7.6.1. Analog Mode
Analog mode enables analog functions, and disconnects a pin from the digital input and output logic. Only the
following GPIO pins have analog functions:

PA4, PA5, PB5, PB6, PB7, and PC1 can be analog inputs to the ADC.

PB0 can be an external analog voltage reference input to the ADC, or it can output the internal analog
voltage reference from the ADC. The Ember software selects an internal or external voltage reference.

PC6 and PC7 can connect to an optional 32.768 kHz crystal.
Note:
When an external timing source is required, a 32.768 kHz crystal is commonly connected to PC6 and PC7. Alternatively,
when PC7 is configured as a digital input, PC7 can accept a digital external clock input.
When configured in analog mode:

The output drivers are disabled.

The internal pull-up and pull-down resistors are disabled.

The Schmitt trigger input is connected to a high logic level.

Reading GPIO_PxIN returns a constant 1.
7.6.2. Input Mode
Input mode is used both for general purpose input and for on-chip peripheral inputs. Input floating mode disables
the internal pull-up and pull-down resistors, leaving the pin in a high-impedance state. Input pull-up or pull-down
mode enables either an internal pull-up or pull-down resistor based on the GPIO_PxOUT register. Setting a bit to 0
in GPIO_PxOUT enables the pull-down and setting a bit to 1 enables the pull up.
When configured in input mode:

The output drivers are disabled.

An internal pull-up or pull-down resistor may be activated depending on GPIO_PxCFGH/L and
GPIO_PxOUT.

The Schmitt trigger input is connected to the pin.

Reading GPIO_PxIN returns the input at the pin.

The input is also available to on-chip peripherals.
7.6.3. Output Mode
Output mode provides a general purpose output under direct software control. Regardless of whether an output is
configured as push-pull or open-drain, the GPIO’s bit in the GPIO_PxOUT register controls the output. The
GPIO_PxSET and GPIO_PxCLR registers can atomically set and clear bits within GPIO_PxOUT register. These
set and clear registers simplify software using the output port because they eliminate the need to disable interrupts
to perform an atomic read-modify-write operation of GPIO_PxOUT.
When configured in output mode:

The output drivers are enabled and are controlled by the value written to GPIO_PxOUT:

In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.

In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current source.

The internal pull-up and pull-down resistors are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com