Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 116 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 116 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 112Page - Silicon Laboratories EM357-RTR Datasheet HTML 113Page - Silicon Laboratories EM357-RTR Datasheet HTML 114Page - Silicon Laboratories EM357-RTR Datasheet HTML 115Page - Silicon Laboratories EM357-RTR Datasheet HTML 116Page - Silicon Laboratories EM357-RTR Datasheet HTML 117Page - Silicon Laboratories EM357-RTR Datasheet HTML 118Page - Silicon Laboratories EM357-RTR Datasheet HTML 119Page - Silicon Laboratories EM357-RTR Datasheet HTML 120Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 241 page
background image
Rev 1.3
116
9.2. GPIO Usage
The timers can optionally use GPIOs in the PA and PB ports for external inputs or outputs. As with all EM35x digital
inputs, a GPIO used as a timer input can be shared with other uses of the same pin. Available timer inputs include
an external timer clock, a clock mask, and four input channels. Any GPIO used as a timer output must be
configured as an alternate output and is controlled only by the timer.
Many of the GPIOs that can be assigned as timer outputs can also be used by another on-chip peripheral such as
a serial controller. Using a GPIO as a timer output takes precedence over another peripheral function, as long as
the channel is configured as an output in the TIMx_CCMR1 register and is enabled in the TIMx_CCER register.
The GPIOs that can be used by Timer 1 are fixed, but the GPIOs that can be used as Timer 2 channels can be
mapped to either of two pins, as shown in Table 9.1. The Timer 2 Option Register (TIM2_OR) has four single bit
fields (TIM_REMAPCy) that control whether a Timer 2 channel is mapped to its default GPIO in port PA, or
remapped to a GPIO in PB.
Table 9.1 specifies the pins that may be assigned to Timer 1 and Timer 2 functions.
The TIMxCLK and TIMxMSK inputs can be used only in the external clock modes; refer to "9.3.3.2. External Clock
Source Mode 1" on page 123 and "9.3.3.3. External Clock Source Mode 2" on page 124 for details concerning their
use.
9.3. Timer Functional Description
9.3.1. Time-Base Unit
The main block of the general purpose timer is a 16-bit counter with its related auto-reload register. The counter
can count up, down, or alternate up and down. The counter clock can be divided by a prescaler.
The counter, the auto-reload register, and the prescaler register can be written to or read by software. This is true
even when the counter is running.
The time-base unit includes:

Counter Register (TIMx_CNT)

Prescaler Register (TIMx_PSC)

Auto-Reload Register (TIMx_ARR)
Some timer registers cannot be directly accessed by software, which instead reads and writes a “buffer register”.
The internal registers actually used for timer operations are called “shadow registers”.
The auto-reload register is buffered. Writing to or reading from the auto-reload register accesses the buffer register.
The contents of the buffer register are transferred into the shadow register permanently or at each update event
(UEV), depending on the auto-reload buffer enable bit (TIM_ARBE) in the TIMx_CR1 register. The UEV is
generated when both the counter reaches the overflow (or underflow when down-counting) and when the
TIM_UDIS bit equals 0 in the TIMx_CR1 register. It can also be generated by software. UEV generation is
described in detail for each configuration.
The counter is clocked by the prescaler output CK_CNT, which is enabled only when the counter enable bit
(TIM_CEN) in the TIMx_CR1 register is set. Refer also to the slave mode controller description in "9.3.13. Timers
Table 9.1. Timer GPIO Usage
Signal
(Direction)
TIMxC1
(In or Out)
TIMxC2
(In or Out)
TIMxC3
(In or Out)
TIMxC4
(In or Out)
TIMxCLK
(In)
TIMxMSK
(In)
Timer 1
PB6
PB7
PA6
PA7
PB0
PB5
Timer 2
(TIM_REMAPCy = 0)
PA0
PA3
PA1
PA2
PB5
PB0
Timer 2
(TIM_REMAPCy = 1)
PB1
PB2
PB3
PB4
PB5
PB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com