Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357-RTR Datasheet(PDF) 124 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 124 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 120Page - Silicon Laboratories EM357-RTR Datasheet HTML 121Page - Silicon Laboratories EM357-RTR Datasheet HTML 122Page - Silicon Laboratories EM357-RTR Datasheet HTML 123Page - Silicon Laboratories EM357-RTR Datasheet HTML 124Page - Silicon Laboratories EM357-RTR Datasheet HTML 125Page - Silicon Laboratories EM357-RTR Datasheet HTML 126Page - Silicon Laboratories EM357-RTR Datasheet HTML 127Page - Silicon Laboratories EM357-RTR Datasheet HTML 128Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 241 page
background image
Rev 1.3
124
9.3.3.3. External Clock Source Mode 2
This mode is selected by writing TIM_ECE = 1 in the TIMx_SMCR register. The counter can count at each rising or
falling edge on the external trigger input ETR.
The TIM_EXTRIGSEL bits in the TIMx_OR register select a clock signal that drives ETR, as shown in Table 9.2.
Figure 9.15 gives an overview of the external trigger input block.
Figure 9.15. External Trigger Input Block
For example, to configure the up-counter to count each 2 rising edges on ETR, use the following procedure:

Since no filter is needed in this example, write TIM_ETF = 0000 in the TIMx_SMCR register.

Set the prescaler: Write TIM_ETPS = 01 in the TIMx_SMCR register.

Select rising edge detection on ETR: WriteTIM_ETP = 0 in the TIMx_SMCR register.

Enable external clock mode 2: Write TIM_ECE = 1 in the TIMx_SMCR register.

Enable the counter: Write TIM_CEN = 1 in the TIMx_CR1 register.
The counter counts once each two ETR rising edges. The delay between the rising edge on ETR and the actual
clock of the counter is due to the resynchronization circuit on the ETRP signal.
Figure 9.16 illustrates counting every two rising edges of ETR using external clock mode 2.
Table 9.2. TIM_EXTRIGSEL Clock Signal Selection
TIM_EXTRIGSEL Bits
Clock Signal Selection
00
PCLK (peripheral clock). When running from the 24 MHz crystal oscillator, the PCLK
frequency is 12 MHz. When the 12 MHz RC oscillator is in use, the frequency is
6 MHz.
01
Calibrated 1 kHz internal RC oscillator
10
Optional 32.786 kHz clock
11
TIMxCLK pin. If the TIM_CLKMSKEN bit in the TIMx_OR register is set, this signal is
AND’ed with the TIMxMSK pin providing a gated clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com