Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 214 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 214 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 210Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 211Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 212Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
• Support for an image that is downsampled by 2x in the horizontal direction (with and without phase
correction). In this case, the image is 2/3 populated instead of the conventional 1/3 colors.
• Support for an image that is downsampled by 2x in both the horizontal and vertical direction. In this
case, the image is fully populated instead of the conventional 1/3 colors.
• Programmable RGB-to-RGB blending matrix (9 coefficients for the 3x3 matrix).
• Fully programmable gamma correction (1024 entries for each color held in an on-chip RAM).
• Programmable color conversion (RGB to YUV) coefficients (9 coefficients for the 3x3 matrix).
• Luminance enhancement (non-linear) and chrominance suppression & offset.
The Preview Engine register memory mapping is shown in Table 6-31.
Table 6-31. Preview Engine Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0800
PID
Peripheral Revision and Class Information
0x01C7 0804
PCR
Peripheral Control Register
0x01C7 0808
HORZ_INFO
Horizontal Information/Setup
0x01C7 080C
VERT_INFO
Vertical Information/Setup
0x01C7 0810
RSDR_ADDR
Read Address From SDRAM
0x01C7 0814
RADR_OFFSET
Line Offset for the Read Data
0x01C7 0818
DSDR_ADDR
Dark Frame Address From SDRAM
0x01C7 081C
DRKF_OFFSET
Line Offset for the Dark Frame Data
0x01C7 0820
WSDR_ADDR
Write Address to the SDRAM
0x01C7 0824
WADD_OFFSET
Line Offset for the Write Data
0x01C7 0828
AVE
Input Formatter/Averager
0x01C7 082C
HMED
Horizontal Median Filter
0x01C7 0830
NF
Noise Filter
0x01C7 0834
WB_DGAIN
White Balance Digital Gain
0x01C7 0838
WBGAIN
White Balance Coefficients
0x01C7 083C
WBSEL
White Balance Coefficients Selection
0x01C7 0840
CFA
CFA Register
0x01C7 0844
BLKADJOFF
Black Adjustment Offset
0x01C7 0848
RGB_MAT1
RGB2RGB Blending Matrix Coefficients
0x01C7 084C
RGB_MAT2
RGB2RGB Blending Matrix Coefficients
0x01C7 0850
RGB_MAT3
RGB2RGB Blending Matrix Coefficients
0x01C7 0854
RGB_MAT4
RGB2RGB Blending Matrix Coefficients
0x01C7 0858
RGB_MAT5
RGB2RGB Blending Matrix Coefficients
0x01C7 085C
RGB_OFF1
RGB2RGB Blending Matrix Offsets
0x01C7 0860
RGB_OFF2
RGB2RGB Blending Matrix Offsets
0x01C7 0864
CSC0
Color Space Conversion Coefficients
0x01C7 0868
CSC1
Color Space Conversion Coefficients
0x01C7 086C
CSC2
Color Space Conversion Coefficients
0x01C7 0870
CSC_OFFSET
Color Space Conversion Offsets
0x01C7 0874
CNT_BRT
Contrast and Brightness Settings
0x01C7 0878
CSUP
Chrominance Suppression Settings
0x01C7 087C
SETUP_YC
Maximum/Minimum Y and C Settings
0x01C7 0880
SET_TBL_ADDRESS
Setup Table Addresses
0x01C7 0884
SET_TBL_DATA
Setup Table Data
Peripheral Information and Electrical Specifications
214
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com