Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 217 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 217 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 220Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 306 page
background image
6.10.1.5 Histogram
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-33. H3A Register Descriptions (continued)
0x01C7 142C
AFCOEFF098
IIR Filter Coefficient Data for SET 0
0x01C7 1430
AFCOEFF0010
IIR Filter Coefficient Data for SET 0
0x01C7 1434
AFCOEF110
IIR Filter Coefficient Data for SET 1
0x01C7 1438
AFCOEF132
IIR Filter Coefficient Data for SET 1
0x01C7 143C
AFCOEFF154
IIR Filter Coefficient Data for SET 1
0x01C7 1440
AFCOEFF176
IIR Filter Coefficient Data for SET 1
0x01C7 1444
AFCOEFF198
IIR Filter Coefficient Data for SET 1
0x01C7 1448
AFCOEFF1010
IIR Filter Coefficient Data for SET 1
0x01C7 144C
AEWWIN1
Configuration for AE/AWB Windows
0x01C7 1450
AEWINSTART
Start Position for AE/AWB Windows
0x01C7 1454
AEWINBLK
Start Position and Height for Black Line of AE/AWB Windows
0x01C7 1458
AEWSUBWIN
Configuration for Subsample Data in AE/AWB Window
0x01C7 145C
AEWBUFST
SDRAM/DDRAM Start Address for AE/AWB Engine
6.10.1.4.1 Auto Focus (AF) Engine
The following features are supported by the Auto Focus (AF) Engine.
• Peak Mode in a Paxel (a Paxel is defined as a two dimensional block of pixels).
• Accumulate the maximum Focus Value of each line in a Paxel
• Accumulation/Sum Mode (instead of Peak mode).
• Accumulate Focus Value in a Paxel.
• Up to 36 Paxels in the horizontal direction and up to 128 Paxels in the vertical direction.
• Programmable width and height for the Paxel. All paxels in the frame will be of same size.
• Programmable red, green, and blue position within a 2x2 matrix.
• Separate horizontal start for paxel and filtering.
• Programmable vertical line increments within a paxel.
• Parallel IIR filters configured in a dual-biquad configuration with individual coefficients (2 filters with 11
coefficients each). The filters are intended to compute the sharpness/peaks in the frame to focus on.
6.10.1.4.2 Auto Exposure (AE) and Auto White Balance (AWB) Engine
The following features are supported by the Auto Exposure (AE) and Auto White Balance (AWB) Engine.
• Accumulate clipped pixels along with all non-saturated pixels.
• Up to 36 horizontal windows.
• Up to 128 vertical windows.
• Programmable width and height for the windows. All windows in the frame will be of same size.
• Separate vertical start coordinate and height for a black row of paxels that is different than the
remaining color paxels.
• Programmable Horizontal Sampling Points in a window.
• Programmable Vertical Sampling Points in a window.
The histogram module accepts raw image/video data and bins the pixels on a value (and color separate)
basis. The value of the pixel itself is not stored, but each bin contains the number of pixels that are within
the appropriate set range. The source of the raw data for the histogram is typically a CCD/CMOS sensor
(via the CCDC module) or optionally from DDR2. The following features are supported by the histogram
module.
• Up to four regions/areas.
• Separate horizontal/vertical start and end position for each region.
• Pixels from overlapping regions are accumulated into the highest priority region. The priority is: region0
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com