Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 125 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 121Page - STMicroelectronics BLUENRG-2 Datasheet HTML 122Page - STMicroelectronics BLUENRG-2 Datasheet HTML 123Page - STMicroelectronics BLUENRG-2 Datasheet HTML 124Page - STMicroelectronics BLUENRG-2 Datasheet HTML 125Page - STMicroelectronics BLUENRG-2 Datasheet HTML 126Page - STMicroelectronics BLUENRG-2 Datasheet HTML 127Page - STMicroelectronics BLUENRG-2 Datasheet HTML 128Page - STMicroelectronics BLUENRG-2 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
125/190
In this mode, the timer toggles the TnA output upon underflow which is connected to PWMx
pin of the BlueNRG1. This generates a clock signal on TnA with the width and duty cycle
controlled by the values stored in the TnCRB and TnCRB registers.
This is a "processor-independent" PWM clock because once the timer is set up, no more
interaction is required from the software and the CPU in order to generate the PWM signal.
The timer can generate separate interrupts upon reload from TnCRB and TnCRB. The
TnAPND or TnBPND flags, which are set by the hardware upon occurrence of a timer
reload, indicate which interrupt has occurred.
In this mode of operation, Timer/Counter 2 can be used as a simple system timer or an
external-event counter. Counter TnCNT2 counts down with the clock selected by the
Timer/Counter 2 clock selector, and can be configured to generate an interrupt upon
underflow if enabled by the TnDIEN bit.
The interrupts can be enabled or disabled by software.
3.13.2.2
MFT mode 1a: PWM pulse-train mode
Mode1a is used to output a PWM signal thanks to Timer/Counter 1 as for Mode1 but only
in a time window defined by the Timer/Counter2. Indeed, the Timer/Counter2 is used to
specify the number of pulses to output on the IO. The Mode1a corresponds to the Mode1
selected in the TnMDSEL field of TnMCTRL register with in addition the TnPTEN bit set in
the TnMCTRL register. In Mode1a, the Timer/Counter 1 (TnCNT1) will alternatively be
reloaded by TnCRB and TnCRB registers after starting from TnCT1 as for Mode1 and
toggle the TnA output of the MFT connected to PWMx IO each time an underflow occurs.
In parallel, a trigger pulse is sent to Timer/Counter 2 (TnCNT2), decrementing it by one. If
Timer/Counter 2 (TnCNT2) has reached the underflow condition and the end-of-pulse
condition is detected by the trigger logic as well, the clock of Timer/Counter 1 (TnCNT1) is
disabled immediately.
The figure below shows the block diagram related to the MFT mode 1a.
Figure 17: MFT mode 1a block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com