Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 127 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 123Page - STMicroelectronics BLUENRG-2 Datasheet HTML 124Page - STMicroelectronics BLUENRG-2 Datasheet HTML 125Page - STMicroelectronics BLUENRG-2 Datasheet HTML 126Page - STMicroelectronics BLUENRG-2 Datasheet HTML 127Page - STMicroelectronics BLUENRG-2 Datasheet HTML 128Page - STMicroelectronics BLUENRG-2 Datasheet HTML 129Page - STMicroelectronics BLUENRG-2 Datasheet HTML 130Page - STMicroelectronics BLUENRG-2 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
127/190
The TnA and TnB inputs can be configured to perform a counter pReset to 0xFFFF upon
reception of a valid capture event using TnAEN and TnBEN bits in TnMCTRL register. In
this case, the current value of the counter is transferred to the corresponding capture
register and then the counter is pReset to 0xFFFF. Using this approach directly allows the
software to determine the on-time, off-time, or period of an external signal, while reducing
CPU overhead.
In Figure 18: "MFT mode 2 block diagram" below the block diagram related to the MFT
mode 2.
Figure 18: MFT mode 2 block diagram
The input signal on TnA and TnB must have a pulse width equal to or greater than one
system clock cycle. The values captured in the TnCRB register at different times reflect the
elapsed time between transitions on the TnA pin. The same is true for the TnCRB register
and TnB pin. Each input pin can be configured to sense either positive-going or negative-
going transitions.
The timer can be configured to generate interrupts on reception of a transition on either
TnA or TnB, which can be enabled or disabled separately by the TnAIEN and TnBIEN bits.
An underflow of TnCNT1 can generate an interrupt if enabled by the TnCIEN bit.
Timer/Counter 2 can be used as a simple system timer in this mode of operation. TnCNT2
counts down with the clock selected by the Timer/Counter 2 clock selector, and can be
configured to generate an interrupt upon underflow if enabled by the TnDIEN bit.
TnCNT1 cannot operate in the pulse-accumulate or extemal-event counter modes, since
the TnB input is used as a capture input. Selecting either of these modes for TnCNT1
causes TnCNT1 to be stopped. However, all available clock source modes may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com