Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 56 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 56 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 52Page - Linear Technology LTC2972 Datasheet HTML 53Page - Linear Technology LTC2972 Datasheet HTML 54Page - Linear Technology LTC2972 Datasheet HTML 55Page - Linear Technology LTC2972 Datasheet HTML 56Page - Linear Technology LTC2972 Datasheet HTML 57Page - Linear Technology LTC2972 Datasheet HTML 58Page - Linear Technology LTC2972 Datasheet HTML 59Page - Linear Technology LTC2972 Datasheet HTML 60Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
LTC2972
56
2972fa
For more information www.linear.com/LTC2972
Figure 19. Electronic Analogy for Inductor Temperature Model
PMBus COMMAND DESCRIPTION
I = PI
PI = CURRENT REPRESENTING THE POWER DISSIPATED BY THE INDUCTOR
(VDCR • READ_IOUT WHERE VDCR = (VISENSEP – VISENSM))
Cτ = CAPACITANCE REPRESENTING THERMAL HEAT CAPACITY OF THE INDUCTOR
(INCLUDED IN MFR_IOUT_CAL_GAIN_TAU_INV)
TI = VOLTAGE REPRESENTING THE TEMPERATURE OF THE INDUCTOR
θIS = RESISTANCE REPRESENTING THE THERMAL RESISTANCE FROM THE DCR
TO THE REMOTE TEMPERATURE SENSOR (MFR_IOUT_CAL_GAIN_THETA)
TS = VOLTAGE REPRESENTING THE TEMPERATURE AT THE REMOTE
TEMPERATURE SENSOR
2972 F19
C = Cτ
R = θIS
VS = TS
VI = TI
OT_FAULT_LIMIT, OT_WARN_LIMIT, UT_WARN_LIMIT and UT_FAULT_LIMIT
These commands provide supervising limits for temperature as measured by the external diode.
MFR_TEMP_1_GAIN and MFR_TEMP_1_OFFSET
The MFR_TEMP_1_GAIN command specifies the inverse of the temperature sensor ideality factor. The MFR_TEMP_1_
OFFSET allows an offset to be applied to the measured temperature.
Calculations using these paged commands are:
READ_TEMPERATURE_1 = TEXT • MFR_TEMP_1_GAIN – 273.15 + MFR_TEMP_1_OFFSET
where:
TEXT = Measured external temperature in degrees Kelvin.
READ_TEMPERATURE_2 is substituted for READ_TEMPERATURE_1 if the associated TSENSE network fails to detect
a valid temperature. Under these conditions MFR_TEMP_1_GAIN and MFR_TEMP_1_OFFSET will have no effect. See
READ_TEMPERATURE_1 for more information.
MFR_TEMP_1_GAIN Data Contents
BIT(S) SYMBOL
OPERATION
b[15:0] Mfr_temp_1_gain[15:0]
16-bit integer representing inverse of temperature non-ideality factor. Value = Y • 214 where Y = b[15:0] is an
unsigned integer. Example:
MFR_TEMP_1_GAIN = 1.0
For b[15:0] = 0x4000
Value = 16384 • 2–14 = 1.0
MFR_T_SELF_HEAT, MFR_IOUT_CAL_GAIN_TAU_INV and MFR_IOUT_CAL_GAIN_THETA
The LTC2972 uses an innovative (US patent 8920026) algorithm to dynamically model the temperature rise from the
external temperature sensor to the inductor core. This temperature rise is called MFR_T_SELF_HEAT and is used to
calculate the final temperature correction required by IOUT_CAL_GAIN. The temperature rise is a function of the power
dissipated in the inductor DCR, the thermal resistance from the inductor core to the remote temperature sensor and
the thermal time constant of the inductor to board system. The algorithm simplifies the placement requirements for
the external temperature sensor and compensates for the significant steady state and transient temperature error from
the inductor core to the primary inductor heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com