Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 22Page - Linear Technology LTC2972 Datasheet HTML 23Page - Linear Technology LTC2972 Datasheet HTML 24Page - Linear Technology LTC2972 Datasheet HTML 25Page - Linear Technology LTC2972 Datasheet HTML 26Page - Linear Technology LTC2972 Datasheet HTML 27Page - Linear Technology LTC2972 Datasheet HTML 28Page - Linear Technology LTC2972 Datasheet HTML 29Page - Linear Technology LTC2972 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
LTC2972
26
2972fa
For more information www.linear.com/LTC2972
PMBus COMMAND SUMMARY
Summary Table
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS EEPROM
DEFAULT
VALUE:
FLOAT
HEX
REF
PAGE
VOUT_UV_FAULT_LIMIT
0x44 Output undervoltage fault limit. Used for
Ton_max_fault and PWRGD pin de-
assertion.
R/W Word
Y
L16
V
Y
0.9
0x1CCD
53
VOUT_UV_FAULT_RESPONSE 0x45 Action to be taken by the device when an
output undervoltage fault is detected.
R/W Byte
Y
Reg
Y
0x7F
64
IOUT_OC_WARN_LIMIT
0x4A Output overcurrent warning limit.
R/W Word
Y
L11
A
5.0
0xCA80
54
OT_FAULT_LIMIT
0x4F Overtemperature fault limit for the external
temperature sensor.
R/W Word
Y
L11
°C
Y
65.0
0xEA08
56
OT_FAULT_RESPONSE
0x50 Action to be taken by the device when an
overtemperature fault is detected on the
external temperature sensor.
R/W Byte
Y
Reg
Y
0xB8
<OV>
OT_WARN_LIMIT
0x51 Overtemperature warning limit for the
external temperature sensor.
R/W Word
Y
L11
°C
Y
60.0
0xE3C0
56
UT_WARN_LIMIT
0x52 Undertemperature warning limit for the
external temperature sensor.
R/W Word
Y
L11
°C
Y
0
0x8000
56
UT_FAULT_LIMIT
0x53 Undertemperature fault limit for the external
temperature sensor.
R/W Word
Y
L11
°C
Y
–5.0
0xCD80
56
UT_FAULT_RESPONSE
0x54 Action to be taken by the device when an
undertemperature fault is detected on the
external temperature sensor.
R/W Byte
Y
Reg
Y
0xB8
<OV>
VIN_OV_FAULT_LIMIT
0x55 Input overvoltage fault limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
15.0
0xD3C0
49
VIN_OV_FAULT_RESPONSE
0x56 Action to be taken by the device when an
input overvoltage fault is detected.
R/W Byte
N
Reg
Y
0x80
<OV>
VIN_OV_WARN_LIMIT
0x57 Input overvoltage warning limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
14.0
0xD380
49
VIN_UV_WARN_LIMIT
0x58 Input undervoltage warning limit measured
at VIN_SNS pin.
R/W Word
N
L11
V
Y
0
0x8000
49
VIN_UV_FAULT_LIMIT
0x59 Input undervoltage fault limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
0
0x8000
49
VIN_UV_FAULT_RESPONSE
0x5A Action to be taken by the device when an
input undervoltage fault is detected.
R/W Byte
N
Reg
Y
0x00
65
POWER_GOOD_ON
0x5E Output voltage at or above which the
PWRGD pin should be asserted.
R/W Word
Y
L16
V
Y
0.96
0x1EB8
53
POWER_GOOD_OFF
0x5F Output voltage at or below which the
PWRGD pin should be de-asserted when
Mfr_config_all_pwrgd_off_uses_uv is clear.
R/W Word
Y
L16
V
Y
0.94
0x1E14
53
TON_DELAY
0x60 Time from CONTROL pin and/or OPERATION
command = ON to VOUT_ENn pin = ON.
R/W Word
Y
L11
ms
Y
1.0
0xBA00
58
TON_RISE
0x61 Time from when the VOUT_ENn pin goes high
until the LTC2972 optionally soft-connects
its DAC and begins to servo the output
voltage to the desired value.
R/W Word
Y
L11
ms
Y
10.0
0xD280
58
TON_MAX_FAULT_LIMIT
0x62 Maximum time from VOUT_ENn = ON
assertion that an UV condition will be
tolerated before a TON_MAX_FAULT
condition results.
R/W Word
Y
L11
ms
Y
15.0
0xD3C0
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com