Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 44 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 44 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 40Page - Linear Technology LTC2972 Datasheet HTML 41Page - Linear Technology LTC2972 Datasheet HTML 42Page - Linear Technology LTC2972 Datasheet HTML 43Page - Linear Technology LTC2972 Datasheet HTML 44Page - Linear Technology LTC2972 Datasheet HTML 45Page - Linear Technology LTC2972 Datasheet HTML 46Page - Linear Technology LTC2972 Datasheet HTML 47Page - Linear Technology LTC2972 Datasheet HTML 48Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
LTC2972
44
2972fa
For more information www.linear.com/LTC2972
MFR_CONFIG_ALL_LTC2972
This command is used to configure parameters that are common to both channels on the IC. They may be set or
reviewed from any PAGE setting.
MFR_CONFIG_ALL_LTC2972 Data Contents
BIT(S) SYMBOL
OPERATION
b[15:13] Reserved
Don’t care. Always returns 0.
b[12]
Mfr_config_all_en_short_cycle_fault
Enable short cycle fault detection. See Mfr_status_2_short_cycle_fault on page 74 for more
information.
0: Issuing an ON before prior OFF is complete will not cause a fault.
1: Issuing an ON before prior OFF is complete will cause a fault.
b[11]
Mfr_config_all_pwrgd_off_uses_uv
Selects PWRGD de-assertion source for both channels.
0: PWRGD is de-asserted based on VOUT being below or equal to POWER_GOOD_OFF. This option
uses the ADC. Response time is approximately 100ms to 200ms.
1: PWRGD is de-asserted based on VOUT being below or equal to VOUT_UV_LIMIT. This option uses
the high speed supervisor. Response time is approximately 12µs.
b[10]
Reserved
Don’t care.
b[9]
Reserved
Don’t care. Always returns 0.
b[8]
Reserved
Don’t care. Always returns 0.
b[7]
Mfr_config_all_fault_log_enable
Enable fault logging to EEPROM in response to Fault.
0: Fault logging to EEPROM is disabled.
1: Fault logging to EEPROM is enabled.
b[6]
Mfr_config_all_vin_on_clr_faults_en
Allow VIN_ON rising edge to clear all latched faults.
0: VIN_ON clear faults feature is disabled.
1: VIN_ON clear faults feature is enabled.
b[5]
Mfr_config_all_control1_pol
Selects active polarity of CONTROL1 pin
0: Active low (pull pin low to start unit).
1: Active high (pull pin high to start unit).
b[4]
Mfr_config_all_control0_pol
Selects active polarity of CONTROL0 pin
0: Active low (pull pin low to start unit).
1: Active high (pull pin high to start unit).
b[3]
Mfr_config_all_vin_share_enable
Allow this unit to hold Share-clock pin low when VIN has not risen above VIN_ON or has fallen below
VIN_OFF. When enabled this unit will also turn both channels off in response to Share-clock being
held low.
0: Share-clock inhibit is disabled.
1: Share-clock inhibit is enabled.
b[2]
Mfr_config_all_pec_en
PMBus packet error checking enable.
0: PEC is accepted but not required.
1: PEC is enabled.
b[1]
Mfr_config_all_longer_pmbus_timeout Increase PMBus timeout interval by a factor of 8. Recommended for fault logging.
0: PMBus timeout is not multiplied by a factor of 8.
1: PMBus timeout is multiplied by a factor of 8.
b[0]
Reserved
Always set to 1.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com