Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 91 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 91 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 87Page - Linear Technology LTC2972 Datasheet HTML 88Page - Linear Technology LTC2972 Datasheet HTML 89Page - Linear Technology LTC2972 Datasheet HTML 90Page - Linear Technology LTC2972 Datasheet HTML 91Page - Linear Technology LTC2972 Datasheet HTML 92Page - Linear Technology LTC2972 Datasheet HTML 93Page - Linear Technology LTC2972 Datasheet HTML 94Page - Linear Technology LTC2972 Datasheet HTML 95Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
LTC2972
91
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
The input current sense path includes an internal,
anti-aliasing low pass filter with typical 32dB rejection at
62.5kHz. To improve high frequency current sense com-
mon mode rejection, add a 0.01µF capacitor, CIN, to the
VIN_SNS_CAP pin.
The Mfr_ein_config_iin_range bits select one of three
input current sense amplifier ranges: high, medium and
low. The RSENSE value should be chosen to satisfy the
input range. The maximum allowable input ranges are as
follows: ±100mV range for high range,±50mV for medium
range and ±20mV for low range. For best accuracy, use
the lowest range setting encompassing the maximum
input signal.
To help choose the RSENSE value and Mfr_ein_config_
iin_range setting for your application, use the Electrical
Characteristics table for TUE_IIN, along with Figures 25
and 26. Figures 25 and 26 serve as extrapolated guides
while the Electrical Characteristics table shows tested
TUE_IIN conditions. After selecting RSENSE, write its value
in mΩ to the MFR_IIN_CAL_GAIN register, and READ_IIN
will return the sensed current in amps. Figures 25 and 26
show absolute value of the expected worst case READ_IIN
Total Unadjusted Error, TUE_IIN, in µV and in relative % of
current sense input voltage reading, VIIN_SNS, as a func-
tion of VIIN_SNS (VIIN_SNSP – VIIN_SNSM) for high range,
medium range and low range settings.
Figure 25. TUE_IIN vs READ_IIN Input Voltage in µV
Figure 26. TUE_IIN vs READ_IIN Input Voltage in Percentage
Figure 27. Optional VIN_SNS Filtering
VIIN_SNS (mV)
0
50 60 70 80 90
700
600
500
400
300
200
100
0
2972 F25
10 20 30 40
100
HIGH RANGE
MEDIUM RANGE
LOW RANGE
HIGH RANGE
LOW RANGE
MEDIUM RANGE
VIIN_SNS (mV)
1
10
100
0.5
1
10
2972 F27
VIN_SNS
4.5V < VIN_SNS < 15V
IIN_SNSP
IIN_SNSM
VIN_SNS_CAP
LTC2972*
GND
350Ω
*SOME DETAILS OMITTED FOR CLARITY
2972 F28
LOAD
CIN
0.01µF
C1
1µF
C2
1µF
C3
10µF
R1
100Ω
R3
10Ω
R2
100Ω
D1
D2
D3
D4
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com