Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 69 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 69 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 65Page - Linear Technology LTC2972 Datasheet HTML 66Page - Linear Technology LTC2972 Datasheet HTML 67Page - Linear Technology LTC2972 Datasheet HTML 68Page - Linear Technology LTC2972 Datasheet HTML 69Page - Linear Technology LTC2972 Datasheet HTML 70Page - Linear Technology LTC2972 Datasheet HTML 71Page - Linear Technology LTC2972 Datasheet HTML 72Page - Linear Technology LTC2972 Datasheet HTML 73Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
LTC2972
69
2972fa
For more information www.linear.com/LTC2972
STATUS_BYTE
The STATUS_BYTE command returns the summary of the most critical faults or warnings which have occurred, as
shown in the following table. STATUS_BYTE is a subset of STATUS_WORD and duplicates the same information.
STATUS_BYTE Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Status_byte_busy
Same as Status_word_busy.
b[6] Status_byte_off
Same as Status_word_off.
b[5] Status_byte_vout_ov
Same as Status_word_vout_ov.
b[4] Status_byte_iout_oc
Not supported. Always returns 0.
b[3] Status_byte_vin_uv
Same as Status_word_vin_uv.
b[2] Status_byte_temp
Same as Status_word_temp.
b[1] Status_byte_cml
Same as Status_word_cml.
b[0] Status_byte_high_byte Same as Status_word_high_byte.
STATUS_WORD
The STATUS_WORD command returns two bytes of information with a summary of the unit’s fault condition. Based
on the information in these bytes, the host can get more information by reading the appropriate detailed status register.
The low byte of the STATUS_WORD is the same register as the STATUS_BYTE command.
STATUS_WORD Data Contents
BIT(S) SYMBOL
OPERATION
b[15] Status_word_vout
An output voltage fault or warning has occurred. See STATUS_VOUT.
b[14] Status_word_iout
An output current warning has occurred. See STATUS_IOUT.
b[13] Status_word_input
An input voltage fault or warning has occurred. See STATUS_INPUT.
b[12] Status_word_mfr
A manufacturer specific fault has occurred. See STATUS_MFR._SPECIFIC.
b[11] Status_word_power_not_good The PWRGD pin, if enabled, is negated. Power is not good.
b[10] Status_word_fans
Not supported. Always returns 0.
b[9] Status_word_other
Not supported. Always returns 0.
b[8] Status_word_unknown
Not supported. Always returns 0.
b[7] Status_word_busy
Device busy when PMBus command received. See OPERATION: Processing Commands.
b[6] Status_word_off
This bit is asserted if the unit is not providing power to the output, regardless of the reason, including simply
not being enabled. The off-bit is clear if unit is allowed to provide power to the output.
b[5] Status_word_vout_ov
An output overvoltage fault has occurred.
b[4] Status_word_iout_oc
Not supported. Always returns 0.
b[3] Status_word_vin_uv
A VIN undervoltage fault has occurred.
b[2] Status_word_temp
A temperature fault or warning has occurred. See STATUS_TEMPERATURE.
b[1] Status_word_cml
A communication, memory or logic fault has occurred. See STATUS_CML.
b[0] Status_word_high_byte
A fault/warning not listed in b[7:1] has occurred or Status_word_power_not_good = 1.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com