Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 48 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 48 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 44Page - Linear Technology LTC2972 Datasheet HTML 45Page - Linear Technology LTC2972 Datasheet HTML 46Page - Linear Technology LTC2972 Datasheet HTML 47Page - Linear Technology LTC2972 Datasheet HTML 48Page - Linear Technology LTC2972 Datasheet HTML 49Page - Linear Technology LTC2972 Datasheet HTML 50Page - Linear Technology LTC2972 Datasheet HTML 51Page - Linear Technology LTC2972 Datasheet HTML 52Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
LTC2972
48
2972fa
For more information www.linear.com/LTC2972
Mfr_ee_data reads and writes must not be mixed.
MFR_EE_DATA Data Contents
BIT(S) SYMBOL
OPERATION
b[15:0] Mfr_ee_data[15:0] To read user space
1) Use the appropriate Mfr_ee_unlock sequence to configure for Mfr_ee_data commands with or without PEC.
2) Read Mfr_ee_data[0] = PackingId (MFR Specific ID).
3) Read Mfr_ee_data[1] = NumberOfUserWords (total number of 16-bit word available).
4) Read Mfr_ee_data[2] through Mfr_ee_data[NumberOfWord+1] (User EEPROM data contents).
To write user space
1) Initialize the user memory using the sequence described for the MFR_EE_ERASE command.
2) Use the appropriate Mfr_ee_unlock sequence to configure for Mfr_ee_data commands with or without PEC.
3) Write Mfr_ee_data[0] through Mfr_ee_data[NumberOfWord-1] (User EEPROM data content to be written).
The part will indicate it is busy erasing the EEPROM by the mechanism detailed below.
Response When Part Is Busy
The part will indicate it is busy accessing the EEPROM by the following mechanism:
1) Clearing Mfr_common_busyb of the MFR_COMMON register. This byte can always be read and will never NACK
a byte read request even if the part is busy.
2) NACKing commands other than MFR_COMMON.
MFR_EE Erase and Write Programming Time
The program time per word is typically 0.51ms and will require spacing the I2C/SMBus writes at greater than 0.51ms
to guarantee the write has completed. The Mfr_ee_erase command takes approximately 400ms. We recommend using
MFR_COMMON for handshaking.
PMBus COMMAND DESCRIPTION
INPUT VOLTAGE COMMANDS AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
VIN_ON
0x35
Input voltage above which power conversion can
be enabled.
R/W Word
N
L11
V
Y
10.0
0xD280
49
VIN_OFF
0x36
Input voltage below which power conversion is
disabled. Both VOUT_ENn pins go off immediately
or sequence off after TOFF_DELAY
(See Mfr_config_track_enn).
R/W Word
N
L11
V
Y
9.0
0xD240
49
VIN_OV_FAULT_LIMIT
0x55
Input overvoltage fault limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
15.0
0xD3C0
49
VIN_OV_WARN_LIMIT
0x57
Input overvoltage warning limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
14.0
0xD380
49
VIN_UV_WARN_LIMIT
0x58
Input undervoltage warning limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
0
0x8000
49
VIN_UV_FAULT_LIMIT
0x59
Input undervoltage fault limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
0
0x8000
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com