Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 13Page - Linear Technology LTC2972 Datasheet HTML 14Page - Linear Technology LTC2972 Datasheet HTML 15Page - Linear Technology LTC2972 Datasheet HTML 16Page - Linear Technology LTC2972 Datasheet HTML 17Page - Linear Technology LTC2972 Datasheet HTML 18Page - Linear Technology LTC2972 Datasheet HTML 19Page - Linear Technology LTC2972 Datasheet HTML 20Page - Linear Technology LTC2972 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
LTC2972
17
2972fa
For more information www.linear.com/LTC2972
PIN NAME
PIN NUMBER
PIN TYPE
DESCRIPTION
ASEL0
26
In
Ternary Address Select Pin 0 Input. Connect to VDD33, GND or Float to Encode 1 of 3 Logic States
ASEL1
27
In
Ternary Address Select Pin 1 Input. Connect to VDD33, GND or Float to Encode 1 of 3 Logic States
REFP
28
Out
Reference Voltage Output. Needs 0.1µF Decoupling Capacitor to REFM
REFM
29
Out
Reference Return Pin. Needs 0.1µF Decoupling Capacitor to REFP
ISENSEP0
30*
In
DC/DC Converter Differential (+) Output Current-0 Sensing Pin
ISENSEM0
31*
In
DC/DC Converter Differential (–) Output Current-0 Sensing Pin
ISENSEP1
34*
In
DC/DC Converter Differential (+) Output Current-1 Sensing Pin
ISENSEM1
35*
In
DC/DC Converter Differential (–) Output Current-1 Sensing Pin
VIN_SNS_CAP
1
Out
VIN_SNS Filter Capacitor Pin. Bypass to Ground with a 10nF Ceramic Capacitor
GND
2
Ground
VDAC0
38
Out
DAC0 Output
VDAC1
39
Out
DAC1 Output
IIN_SNSP
43
In
DC/DC Converter Differential (+) Input Current Sensing Pin. If Unused, Connect to VIN_SNS
IIN_SNSM
44
In
DC/DC Converter Differential (–) Input Current Sensing Pin. If Unused, Connect to VIN_SNS
VSENSEP1
36*
In
DC/DC Converter Differential (+) Output Voltage-1 Sensing Pin
VSENSEM1
37*
In
DC/DC Converter Differential (–) Output Voltage-1 Sensing Pin
GND
45
Ground
Exposed Pad. Must Be Soldered to PCB
* Tie any unused VSENSEPn /ISENSEPn, VSENSEMn /ISENSEMn or TSENSEn pins to GND. Refer to Unused ADC Sense Inputs in the Applications Information
section.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com