Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 21Page - Linear Technology LTC2972 Datasheet HTML 22Page - Linear Technology LTC2972 Datasheet HTML 23Page - Linear Technology LTC2972 Datasheet HTML 24Page - Linear Technology LTC2972 Datasheet HTML 25Page - Linear Technology LTC2972 Datasheet HTML 26Page - Linear Technology LTC2972 Datasheet HTML 27Page - Linear Technology LTC2972 Datasheet HTML 28Page - Linear Technology LTC2972 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
LTC2972
25
2972fa
For more information www.linear.com/LTC2972
Note: The data format abbreviations are detailed at the end of this table
Summary Table
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS EEPROM
DEFAULT
VALUE:
FLOAT
HEX
REF
PAGE
PAGE
0x00 Channel or page currently selected for any
command that supports paging.
R/W Byte
N
Reg
0x00
31
OPERATION
0x01 Operating mode control. On/Off, Margin High
and Margin Low.
R/W Byte
Y
Reg
Y
0x00
37
ON_OFF_CONFIG
0x02 CONTROL pin and PMBus on/off command
setting.
R/W Byte
Y
Reg
Y
0x1E
38
CLEAR_FAULTS
0x03 Clear any fault bits that have been set.
Send Byte
Y
NA
68
WRITE_PROTECT
0x10 Level of protection provided by the device
against accidental changes.
R/W Byte
N
Reg
Y
0x00
32
STORE_USER_ALL
0x15 Store entire operating memory to EEPROM.
Send Byte
N
NA
46
RESTORE_USER_ALL
0x16 Restore entire operating memory from
EEPROM.
Send Byte
N
NA
46
CAPABILITY
0x19 Summary of PMBus optional communication
protocols supported by this device.
R Byte
N
Reg
0xB0
88
VOUT_MODE
0x20 Output voltage data format and mantissa
exponent (2–13).
R Byte
Y
Reg
0x13
52
VOUT_COMMAND
0x21 Servo target. Nominal DC/DC converter
output voltage setpoint.
R/W Word
Y
L16
V
Y
1.0
0x2000
53
VOUT_MAX
0x24 Upper limit on the output voltage the unit
can command regardless of any other
commands.
R/W Word
Y
L16
V
Y
4.0
0x8000
53
VOUT_MARGIN_HIGH
0x25 Margin high DC/DC converter output voltage
setting.
R/W Word
Y
L16
V
Y
1.05
0x219A
53
VOUT_MARGIN_LOW
0x26 Margin low DC/DC converter output voltage
setting.
R/W Word
Y
L16
V
Y
0.95
0x1E66
53
VIN_ON
0x35 Input voltage above which power conversion
can be enabled.
R/W Word
N
L11
V
Y
10.0
0xD280
49
VIN_OFF
0x36 Input voltage below which power conversion
is disabled. Both VOUT_EN pins go off
immediately or sequence off after TOFF_
DELAY (See Mfr_config_track_enn).
R/W Word
N
L11
V
Y
9.0
0xD240
49
IOUT_CAL_GAIN
0x38 The nominal resistance of the current sense
element in mΩ.
R/W Word
Y
L11
mΩ
Y
1.0
0xBA00
54
IOUT_CAL_OFFSET
0x39 Offset applied to the current sense
measurement in Amps.
R/W Word
Y
L11
A
Y
0
0x8000
54
VOUT_OV_FAULT_LIMIT
0x40 Output overvoltage fault limit.
R/W Word
Y
L16
V
Y
1.1
0x2333
53
VOUT_OV_FAULT_RESPONSE 0x41 Action to be taken by the device when an
output overvoltage fault is detected.
R/W Byte
Y
Reg
Y
0x80
64
VOUT_OV_WARN_LIMIT
0x42 Output overvoltage warning limit.
R/W Word
Y
L16
V
Y
1.075
0x2266
49
VOUT_UV_WARN_LIMIT
0x43 Output undervoltage warning limit.
R/W Word
Y
L16
V
Y
0.925
0x1D9A
49
PMBus COMMAND SUMMARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com