Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 90 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 90 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 86Page - Linear Technology LTC2972 Datasheet HTML 87Page - Linear Technology LTC2972 Datasheet HTML 88Page - Linear Technology LTC2972 Datasheet HTML 89Page - Linear Technology LTC2972 Datasheet HTML 90Page - Linear Technology LTC2972 Datasheet HTML 91Page - Linear Technology LTC2972 Datasheet HTML 92Page - Linear Technology LTC2972 Datasheet HTML 93Page - Linear Technology LTC2972 Datasheet HTML 94Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
LTC2972
90
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
OVERVIEW
The LTC2972 is a 2-channel Power System Management
IC that is capable of sequencing, margining, trimming,
supervising output voltage for OV/UV conditions, fault
management, voltage/current/ temperature readback for
two DC/DC converter channels, and readback of high side
input current, input voltage, input power, input energy,
and junction temperature. Multiple Analog Devices Power
System Managers can coordinate operation using the
SHARE_CLK, FAULTB, and CONTROL pins. The LTC2972
utilizes a PMBus compliant interface and command set.
POWERING THE LTC2972
The LTC2972 can be powered two ways. The first method
requires that a voltage between 4.5V and 15V be applied
to the VPWR pin. See Figure 22. An internal linear regula-
tor converts VPWR down to 3.3V which drives all of the
internal circuitry of the LTC2972.
Alternatively, power from an external 3.3V supply may be
applied directly to the VDD33pins11and12usingavoltage
between 3.13V and 3.47V. See Figure 23. Tie VPWR to the
VDD33 pins. All functionality is available when using this
Figure 22. Powering LTC2972 Directly from an Intermediate Bus
alternate power method. The higher voltages needed for
the VOUT_EN pins and bias for the VSENSE pins are charge
pumped from VDD33.
SETTING COMMAND REGISTER VALUES
The command register settings described herein are in-
tendedasareferenceandforthepurposeofunderstanding
the registers in a software development environment. In
actualpractice,theLTC2972canbecompletelyconfigured
for stand-alone operation with the DC1613 USB to I2C/
SMBus/PMBuscontrollerandsoftwareGUIusingintuitive
menu driven objects.
MEASURING INPUT CURRENT
The LTC2972 is capable of measuring the current of the
input power source. The device also measures the input
supply voltage, enabling it to calculate input power. The
LTC2972 has an accurate internal time base allowing the
chip to calculate input energy since energy is the product
of power and time. The units for each of the measured
parameters are amps, volts, watts, and millijoules.
Input current is measured by placing a sense resistor,
RSENSE, in series with the desired current load path as
shown in Figure 24. If RSENSE has low thermal drift char-
acteristics, the MFR_IIN_CAL_GAIN_TC register value
may be set to zero. Otherwise, choose a setting for the
MFR_IIN_CAL_GAIN_TC value in units of ppm/°C to cor-
rect for RSENSE thermal drift.
For best results, it is recommended to locate RSENSEclose
to and isothermal with the LTC2972.
Figure 23. Powering LTC2972 from External 3.3V Supply
Figure 24. Measuring Input Current
VPWR
VDD33
VDD33
VDD25
VDD25
VIN_SNS
LTC2972*
0.1µF
0.1µF
4.5V < VPWR < 15V
GND
0.1µF
*SOME DETAILS
OMITTED FOR CLARITY
2972 F22
VDD33
VDD33
VDD25
VDD25
VPWR
LTC2972*
0.1µF
0.1µF
GND
*SOME DETAILS
OMITTED FOR CLARITY
2972 F23
EXTERNAL 3.3V
VIN_SNS
4.5V < VIN_SNS < 15V
IIN_SNSP
IIN_SNSM
VIN_SNS_CAP
LTC2972*
GND
*SOME DETAILS OMITTED FOR CLARITY
CIN
0.1µF
350Ω
2972 F24
RSENSE
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com