Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 15Page - Linear Technology LTC2972 Datasheet HTML 16Page - Linear Technology LTC2972 Datasheet HTML 17Page - Linear Technology LTC2972 Datasheet HTML 18Page - Linear Technology LTC2972 Datasheet HTML 19Page - Linear Technology LTC2972 Datasheet HTML 20Page - Linear Technology LTC2972 Datasheet HTML 21Page - Linear Technology LTC2972 Datasheet HTML 22Page - Linear Technology LTC2972 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
LTC2972
19
2972fa
For more information www.linear.com/LTC2972
OPERATION
LTC2972 OPERATION OVERVIEW
The LTC2972 is a PMBus programmable power supply
controller, monitor, sequencer and voltage supervisor that
can perform the following operations:
• Accept PMBus compatible programming commands.
• ProvideDC/DCconverterinputvoltage,outputvoltage,
output current, output temperature, and LTC2972
internal temperature readback through the PMBus
interface.
• Connect directly to a DC/DC converters IMON pin or
the DCR sense network for output current telemetry
readback.
• Control the output of DC/DC converters that set the
output voltage with a trim pin or DC/DC converters
that set the output voltage using an external resistor
feedback network.
• Sequence the startup of DC/DC converters via PMBus
programming and the CONTROL input pins. The
LTC2972 supports time-based sequencing and track-
ingsequencing.Cascadesequenceonwithtimebased
sequence off is also supported.
• Trim the DC/DC converter output voltage (typically in
0.02% steps), in closed-loop servo operating mode,
autonomously or through PMBus programming.
• Margin the DC/DC converter output voltage to PMBus
programmed limits.
• Trim or margin the DC/DC converter output voltage
with direct access to the margin DAC.
• Supervise the DC/DC converter input voltage, output
voltage and the inductor temperatures for overvalue/un-
dervalueconditionswithrespecttoPMBusprogrammed
limits and generate appropriate faults and warnings.
• Accurately handle inductor self-heating transients
using a proprietary algorithm. These self-heating
effects are combined with external temperature sen-
sor readings to improve accuracy of ADC current
measurements.
• Respond to a fault condition by continuing operation
indefinitely,latching-offafteraprogrammabledeglitch
period, latching-off immediately or sequencing off
after TOFF_DELAY. Use retry mode to automatically
recover from a latched-off condition. With retry en-
abled, MFR_RETRY_COUNT programs the number of
retries (0 to 6 or infinite) for both pages.
• Optionally stop trimming the DC/DC converter output
voltage after it reaches the initial margin or nominal
target. Optionally allow trimming restart if target drifts
outside of VOUT warning limits.
• Store command register contents to EEPROM with
CRC and ECC through PMBus programming.
• Restore EEPROM contents through PMBus program-
ming or when VDD33 is applied on power-up.
• GenerateinterruptrequestsbyassertingtheALERTBpin
in response to supported PMBus faults and warnings.
• Coordinate system wide fault responses for all DC/DC
converters connected to the LTC2972 FAULTB0 and
FAULTB1 pins.
• Propagate per-channel POWER GOOD status via the
PG0 and PG1 pins, or configure these pins as general-
purpose IOs.
• Synchronize sequencing delays or shutdown for
multiple devices using the SHARE_CLK pin.
• Software and hardware write protect the command
registers.
• Disable the input voltage to the supervised DC/DC
converters in response to output OV and UV faults.
• Log telemetry and status data to EEPROM in response
to a faulted-off condition.
• Supervise an external microcontroller’s activity for
a stalled condition with a programmable watchdog
timer and reset it if necessary.
• Prevent a DC/DC converter from re-entering the on
state after a power cycle until a programmable interval
(MFR_RESTART_DELAY) has elapsed and its output
has decayed below a programmable threshold voltage
(MFR_VOUT_DISCHARGE_THRESHOLD).
• Read high side input current, input voltage, input
power, and accumulated input energy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com