Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 26Page - Linear Technology LTC2972 Datasheet HTML 27Page - Linear Technology LTC2972 Datasheet HTML 28Page - Linear Technology LTC2972 Datasheet HTML 29Page - Linear Technology LTC2972 Datasheet HTML 30Page - Linear Technology LTC2972 Datasheet HTML 31Page - Linear Technology LTC2972 Datasheet HTML 32Page - Linear Technology LTC2972 Datasheet HTML 33Page - Linear Technology LTC2972 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
LTC2972
30
2972fa
For more information www.linear.com/LTC2972
Data Formats
L11
Linear_5s_11s PMBus data field b[15:0].
Value = Y • 2N
where N = b[15:11] is a 5-bit two’s complement integer and Y = b[10:0] is an 11-bit two’s complement integer.
Example:
READ_VIN = 10V
For b[15:0] = 0xD280 = 1101_0010_1000_0000b
Value = 640 • 2–6 = 10
See PMBus Rev 1.1 Spec Part II: Paragraph 7.1.
L16
Linear_16u
PMBus data field b[15:0].
Value = Y • 2N where Y = b[15:0] is an unsigned integer and N = Vout_mode_parameter is a 5-bit two’s complement exponent
that is hardwired to –13 decimal.
Example:
VOUT_COMMAND = 4.75V
For b[15:0] = 0x9800 = 1001_1000_0000_0000b
Value = 38912 • 2–13 = 4.75
See PMBus Rev 1.1 Spec Part II: Paragraph 8.3.1.
Reg
Register
PMBus data field b[15:0] or b[7:0].
Bit field meaning is defined in detailed PMBus Command Register Description.
CF
Custom Format PMBus data field b[15:0].
Value is defined in detailed PMBus Command Register Description. This is often an unsigned or two’s complement integer
scaled by an MFR specific constant.
Summary Table
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS EEPROM
DEFAULT
VALUE:
FLOAT
HEX
REF
PAGE
MFR_FAULT_LOG_STATUS
0xED Fault logging status.
R Byte
N
Reg
Y
NA
80
MFR_FAULT_LOG
0xEE Fault log data bytes. This sequentially
retrieved data is used to assemble a
complete fault log.
R Block
N
Reg
Y
NA
80
MFR_COMMON
0xEF Manufacturer status bits that are common
across multiple ADI chips.
R Byte
N
Reg
NA
73
MFR_IOUT_CAL_GAIN_TC
0xF6 Temperature coefficient applied to IOUT_
CAL_GAIN.
R/W Word
Y
CF
ppm
Y
0x0000
54
MFR_RETRY_COUNT
0xF7 Retry count for all faulted off conditions that
enable retry.
R/W Byte
N
Reg
Y
0x07
66
MFR_TEMP_1_GAIN
0xF8 Inverse of external diode temperature non
ideality factor. One LSB = 2–14.
R/W Word
Y
CF
Y
1
0x4000
56
MFR_TEMP_1_OFFSET
0xF9 Offset value for the external temperature.
R/W Word
Y
L11
°C
Y
0
0x8000
56
MFR_IOUT_SENSE_VOLTAGE
0xFA Absolute value of the voltage between
ISENSEPn and ISENSEMn. One LSB = 3.05µV or
91.5µV.
R Word
Y
CF
3.05µV
NA
78
MFR_VOUT_MIN
0xFB Minimum measured value of READ_VOUT.
R Word
Y
L16
V
NA
78
MFR_VIN_MIN
0xFC Minimum measured value of READ_VIN.
R Word
N
L11
V
NA
78
MFR_TEMPERATURE_1_MIN
0xFD Minimum measured value of READ_
TEMPERATURE_1.
R Word
Y
L11
°C
NA
79
PMBus COMMAND SUMMARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com