Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 73 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 73 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 69Page - Linear Technology LTC2972 Datasheet HTML 70Page - Linear Technology LTC2972 Datasheet HTML 71Page - Linear Technology LTC2972 Datasheet HTML 72Page - Linear Technology LTC2972 Datasheet HTML 73Page - Linear Technology LTC2972 Datasheet HTML 74Page - Linear Technology LTC2972 Datasheet HTML 75Page - Linear Technology LTC2972 Datasheet HTML 76Page - Linear Technology LTC2972 Datasheet HTML 77Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
LTC2972
73
2972fa
For more information www.linear.com/LTC2972
MFR_PADS Data Contents
BIT(S) SYMBOL
OPERATION
b[7:6] Mfr_pads_asel0[1:0]
11: Logic high detected on ASEL0 input pad.
10: ASEL0 input pad is floating.
01: Reserved.
00: Logic low detected on ASEL0 input pad.
b[5]
Mfr_pads_control1
1: Logic high detected on CONTROL1 pad.
0: Logic low detected on CONTROL1 pad.
b[4]
Mfr_pads_control0
1: Logic high detected on CONTROL0 pad.
0: Logic low detected on CONTROL0 pad.
b[3:2] Mfr_pads_faultb[1:0]
bit[1] used for FAULTB0 pad, bit[0] used for FAULTB1 pad as follows:
1: Logic high detected on FAULTB pad.
0: Logic low detected on FAULTB pad.
b[1]
Mfr_pads_pg1
1: Logic high detected on PG1 pad.
0: Logic low detected on PG1 pad.
b[0]
Mfr_pads_pg0
1: Logic high detected on PG0 pad.
0: Logic low detected on PG0 pad.
MFR_COMMON
This command returns status information for the alert, device busy, share-clock pin (SHARE_CLK) and the write-protect
pin (WP).
This is the only command that may still be read when the LTC2972 is busy processing an EEPROM or other command.
It may be polled by the host to determine when the LTC2972 is available to process a PMBus command. A busy device
will always acknowledge its address but will NACK the command byte and set Status_byte_busy and Status_word_busy
when it receives a command that it cannot immediately process.
MFR_COMMON Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Mfr_common_alertb
Returns alert status.
1: ALERTB is de-asserted high.
0: ALERTB is asserted low.
b[6] Mfr_common_busyb
Returns device busy status.
1: The device is available to process PMBus commands.
0: The device is busy and will NACK PMBus commands.
b[5:2] Reserved
Read only, always returns 1s.
b[1] Mfr_common_share_clk
Returns the status of the share-clock pin.
1: Share-clock pin is being held low.
0: Share-clock pin is active.
b[0] Mfr_common_write_protect Returns the status of the write-protect pin.
1: Write-protect pin is high.
0: Write-protect pin is low.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com