Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2972 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 19Page - Linear Technology LTC2972 Datasheet HTML 20Page - Linear Technology LTC2972 Datasheet HTML 21Page - Linear Technology LTC2972 Datasheet HTML 22Page - Linear Technology LTC2972 Datasheet HTML 23Page - Linear Technology LTC2972 Datasheet HTML 24Page - Linear Technology LTC2972 Datasheet HTML 25Page - Linear Technology LTC2972 Datasheet HTML 26Page - Linear Technology LTC2972 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
LTC2972
23
2972fa
For more information www.linear.com/LTC2972
Table 1. LTC2972 Address Look-Up Table with MFR_I2C_BASE_ADDRESS Set to 7-bit 0x5C
ADDRESS PINS
DESCRIPTION
HEX DEVICE
ADDRESS
BINARY DEVICE ADDRESS
ASEL1
ASEL0
7-Bit
8-Bit
6
5
4
3
2
1
0
R/W
X
X
Alert Response
0C
19
0
0
0
1
1
0
0
1
X
X
Global
5B
B6
1
0
1
1
0
1
1
0
L
L
N = 0
5C*
B8
1
0
1
1
1
0
0
0
L
NC
N = 1
5D
BA
1
0
1
1
1
0
1
0
L
H
N = 2
5E
BC
1
0
1
1
1
1
0
0
NC
L
N = 3
5F
BE
1
0
1
1
1
1
1
0
NC
NC
N = 4
60
C0
1
1
0
0
0
0
0
0
NC
H
N = 5
61
C2
1
1
0
0
0
0
1
0
H
L
N = 6
62
C4
1
1
0
0
0
1
0
0
H
NC
N = 7
63
C6
1
1
0
0
0
1
1
0
H
H
N = 8
64
C8
1
1
0
0
1
0
0
0
H = Tie to VDD33, NC = No Connect = Open or Float, L = Tie to GND, X = Don’t Care
*MFR_I2C_BASE_ADDRESS = 7-bit 0x5C (Factory Default)
OPERATION
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
2972 F02
S
7
8
8
1 1
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
DATA BYTE LOW
Wr A
A
A P
2972 F03
S
7
8
8
1
DATA BYTE HIGH
8
1 1
1
1 1
1
A
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
2972 F04
S
7
8
8
1
PEC
8
1 1
1
1 1
1
A
Figure 2. Write Byte Protocol
Figure 1. PMBus Packet Protocol Diagram Element Key
Figure3. Write Word Protocol
Figure 4. Write Byte Protocol with PEC
2972 F01
S
START CONDITION
Sr
REPEATED START CONDITION
Rd
READ (BIT VALUE OF 1)
Wr
WRITE (BIT VALUE OF 0)
A
NOT ACKNOWLEDGE (HIGH)
A
ACKNOWLEDGE (LOW)
P
STOP CONDITION
PEC PACKET ERROR CODE
MASTER TO SLAVE
SLAVE TO MASTER
CONTINUATION OF PROTOCOL
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com