Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 56 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 56 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 52Page - Linear Technology LTC4449 Datasheet HTML 53Page - Linear Technology LTC4449 Datasheet HTML 54Page - Linear Technology LTC4449 Datasheet HTML 55Page - Linear Technology LTC4449 Datasheet HTML 56Page - Linear Technology LTC4449 Datasheet HTML 57Page - Linear Technology LTC4449 Datasheet HTML 58Page - Linear Technology LTC4449 Datasheet HTML 59Page - Linear Technology LTC4449 Datasheet HTML 60Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
LTC3882-1
56
Rev A
For more information www.analog.com
the lowest free running frequency created by the internal
VCO. This can be well below the intended PWM frequency
of the application and may cause undesirable operation of
theconverter.Forthisreason,itisgenerallyrecommended
that a useable PWM frequency be programmed for each
channel, regardless of whether that particiular LTC3882-1
unit serves as clock master, or not.
All channels of a PolyPhase rail are required to share SYNC
pins. Between rails and for other configurations, such syn-
chronization is optional. If the SYNC pin is shared between
LTC3882-1s, only one LTC3882-1 should be programmed
to control the SYNC output.
PolyPhase Operation and Load Sharing
When the LTC3882-1 is used in a PolyPhase application,
the slave phases must be configured as such by con-
necting their FB pins to VDD33. Among other things, this
disables the error amplifiers of the slave phases. Five other
pins must then also be shared between all channels of a
PolyPhase rail:
• VINSNS
• COMP
• IAVG
• IAVG_GND
• SYNC
UsingacommonVINSNSconnectionreducesthedynamic
range required by the current loop and helps maintain
well-controlled master modulator gain.
The shared COMP signal allows the master phase error
amplifier to control the duty cycle of all slave phases to
produce the commanded output voltage.
Slave phases can detect system faults that cause the
master COMP (error amplifier) output to be too high. A
slave phase detecting this kind of error amplifier fault im-
mediately shuts off its PWM output, indicates the fault on
itsVOUT_OVFaultbit,andtakeswhateveradditionalaction
maybeindicatedbyVOUT_OV_FAULT_RESPONSEforthat
channel. If this response is set to only provide hardware-
level response (0x00), then normal channel operation will
automatically resume when the fault condition is cleared.
The shared IAVG and IAVG_GND signals actively balance the
amountofoutputcurrentdeliveredfromeachchannelusing
a secondary current sharing loop. A capacitor with a value
between 100pF and 200pF should be placed between IAVG
and IAVG_GND. This capacitance can be distributed across
LTC3882-1 devices/pins for improved noise immunity. All
IAVG_GND pins for a PolyPhase rail should be tied together
and connected to a single ground point at or near the
package paddle of the master phase.
Load sharing accuracy is based primarily on the current
sense amplifier offset of each phase (IAVG_VOS) and the
offset of slave current error amplifiers (VSIOS). These are
given in the EC table. Current sense gain errors between
LTC3882-1 channels will be negligible. The secondary
current sharing loop acts to average any errors among the
phases. Because of this error averaging and the random
nature of these variables, the EC table limits ensure actual
per-phase offset will be less than or equal to ±300µV for
most designs over the full operating temperature range.
This signifies better than ±2% matching when ∆ISENSE =
15mV, not including external factors such as DCR make
tolerance.
It is necessary to properly connect VSENSE+ on a slave
phaseforaccurateIOUTtelemetry,eventhoughslavephases
do use need this information for PWM control. While not
strictly required, the VSENSE± lines of slave phases can
simply share with the master to provide additional output
voltagetelemetry.IftheonlyconcernisaccurateslaveIOUT
telemetry, VSENSE+ for that channel may be locally wired
to ISENSE–. VSENSE– on a slave phase should always be
shorted to VSENSE– for its master channel. IOUT OC/ROC
function is not affected by VSENSE± wiring.
All phases must be synchronized to the same shared
SYNC clock and should be programmed to run at the
same default PWM frequency. Phases should be selected
to be evenly spaced around a 360° phasor diagram, and
all phases on a PolyPhase rail should be selected to have
the same maximum duty cycle. Refer to details for MFR_
PWM_CONFIG_LTC3882-1. Figure 38 shows an example
of connections for three phases and Figure 39 shows an
example of an 8-phase rail. Additional shared signals in
these figures highlight the ability of the LTC3882-1 to com-
municate fault status between phases and rails, perform
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com