Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 21Page - Linear Technology LTC4449 Datasheet HTML 22Page - Linear Technology LTC4449 Datasheet HTML 23Page - Linear Technology LTC4449 Datasheet HTML 24Page - Linear Technology LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
LTC3882-1
25
Rev A
For more information www.analog.com
OPERATION
or for PWM control protocol 0, reverse overcurrent is
detected. See IOUT faults below.
UV faults and warnings are masked if the channel has
been commanded off or until all of the following criteria
are achieved.
• TON_DELAY Has Expired
• TON_RISE Ramp Has Completed
• TON_MAX_FAULT_LIMIT Has Been Reached
• IOUT_OC_FAULT_LIMIT Has Not Been Reached
• TOFF_FALL Is Not in Progress
Output UV warnings are determined from multiplexed
monitor ADC conversions. The LTC3882-1 has no hard-
wired PWM response for output UV faults or warnings.
Power Good Indication (Master)
An LTC3882-1 master phase indicates Power Good on its
PGOOD pin and in PMBus commands STATUS_WORD
(paged) and MFR_PADS_LTC3882-1 based on pro-
grammed UV and OV fault limits. Power Good is indicated
on a master phase as long as it is enabled to run and VOUT
is between the UV and OV fault limits. If a master chan-
nel is off for any reason, its PGOOD pin is driven low and
Power Not Good is indicated in the status commands.
Power Good Indication (Slave)
As long as they are enabled, slave phases indicate Power
Good on PGOOD and in PMBus status commands, unless
a master error amplifier (EA) fault is detected. An EA fault
indicatesthebussedCOMPvoltageappearstobetoohigh.
When a slave detects an EA fault, its output is immedi-
dately disabled and OV is indicated (see Figure 2). Any
valid higher-level OV fault response and propagation may
be set for a slave channel to handle a detected EA fault. If
the OV fault response is set to ignore, the slave output is
re-enabled when the EA/COMP condition clears.
AslaveindicatesPowerNotGoodwithPMBusstatuscom-
mands during an EA fault, but its PGOOD pin remains high
impedance. If a slave phase is off for any other reason, its
PGOOD pin is also driven low.
Hardwired PWM Response to IOUT Faults
The LTC3882-1 measures average IOUT from the voltage
acrosstheISENSEpins,takingintoaccountthesenseresistor
or DCR value and its associated temperature coefficient.
BothareprovidedbyPMBuscommandorEEPROMvalues.
An output overcurrent (OC) fault condition is detected by
a supervisor comparator for each PWM output when the
sensed instantaneous current for that channel reaches
its maximum allowed value. Refer to the IOUT_OC_
FAULT_LIMIT PMBus command for details. When an OC
fault is detected the controller immediately disables the
top FET, and the bottom FET is normally commanded on
for the remainder of that PWM cycle.
If programmed to operate in CCM, the LTC3882-1 also
uses the negative of IOUT_OC_FAULT_LIMIT to detect
a reverse overcurrent (ROC) fault. When an ROC fault
occurs the controller immediately disables both top and
bottom FETs, unless PWM output protocol 1 is selected
with MFR_PWM_MODE_LTC3882-1.
OC and ROC faults are both handled according to the
IOUT_OC_FAULT_RESPONSE for that channel. Either
hardware response can result in current-limited operation
usingpulsetruncationorskipping.BecausetheLTC3882-1
uses leading edge modulation, this will cause a shift in
average phase toward 0° on the faulted channel and an
increase in input ripple current
Output OC warnings are determined from multiplexed
monitorADCconversions.TheLTC3882-1hasnohardwired
PWM response if an output OC warning occurs.
Hardwired PWM Response to Temperature Faults
An internal temperature sensor measured by the moni-
tor ADC protects against EEPROM and other IC damage.
When die temperature rises above 130°C, the LTC3882-1
will NACK any EEPROM-related command except RE-
STORE_USER_ALL and MFR_RESET and issue a CML
faultforInvalid/UnsupportedCommand.NormalEEPROM
access is re-enabled when die temperature drops below
125°C.Above160°C,thepartshutsdownallPWMoutputs
until die temperature is below 150°C. Internal temperature
fault limits cannot be adjusted. Writing to the EEPROM
above a die temperature of 85°C is strongly discouraged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com