Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 44 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 44 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 40Page - Linear Technology LTC4449 Datasheet HTML 41Page - Linear Technology LTC4449 Datasheet HTML 42Page - Linear Technology LTC4449 Datasheet HTML 43Page - Linear Technology LTC4449 Datasheet HTML 44Page - Linear Technology LTC4449 Datasheet HTML 45Page - Linear Technology LTC4449 Datasheet HTML 46Page - Linear Technology LTC4449 Datasheet HTML 47Page - Linear Technology LTC4449 Datasheet HTML 48Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
LTC3882-1
44
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
The power dissipation for the main and synchronous
MOSFETs at maximum output current are given by:
PMAIN =
VOUT
VIN
IMAX
(
)
2 (1+ δ)R
DS(ON) +
VIN
2 IMAX
2
RDR
(
) CMILLER
(
)•
1
VGG – VTH(IL)
+
1
VTH(IL)
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
fPWM
(
)
PSYNC =
VIN – VOUT
VIN
IMAX
(
)
2 (1+ δ)R
DS(ON)
where δ is the temperature dependency of RDS(ON), RDR
is the effective top driver resistance, VIN is the drain po-
tential and the change in drain potential in the particular
application. VGG is the applied gate voltage, VTH(IL) is
the typical gate threshold voltage specified in the power
MOSFET data sheet at the specified drain current, and
CMILLER is the capacitance calculated using the technique
previously described.
The term (1 + δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) versus temperature curve.
Typical values for δ range from 0.005/°C to 0.01/°C de-
pending on the particular MOSFET used.
BothMOSFETshaveI2RlosseswhilethetopsideN-channel
losses also include transition losses, which are highest
at high input voltages. For VIN < 20V the high current ef-
ficiency generally improves with larger MOSFETs, while
for VIN > 20V the transition losses rapidly increase to
the point that the use of a higher RDS(ON) device with
lower CMILLER actually provides higher efficiency. The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
Multiple MOSFETs can be used in parallel to lower RDS(ON)
and meet the current and thermal requirements if desired.
If using discrete drivers and MOSFETs, check the stress
on the MOSFETs by independently measuring the drain-
to-source voltages directly across the device terminals.
Bewareofinductiveringingthatcouldexceedthemaximum
voltage rating of the MOSFET. If this ringing cannot be
avoided and exceeds the maximum rating of the device,
choose a higher voltage rated MOSFET.
MOSFET Driver Selection
Gate driver ICs, DrMOS devices and power blocks with an
interface compatible with the LTC3882-1 3.3V three-state
PWM control output(s) can be used. An external resistor
divider may be needed to set three-state control voltage
outputs to mid-rail while in the high impedance state, de-
pendingonthedriverselected.Theseexternaldriver/power
circuits do not typically present a heavy capacitive load to
the LTC3882-1 PWM outputs. Suitable drivers such as the
LTC4449 are capable of driving large gate capacitances at
high transition rates. In fact, when driving MOSFETs with
very low gate charge, it is sometimes helpful to slow down
the drivers by adding small gate resistors (5Ω or less) to
reduce noise and EMI caused by fast transitions.
Using PWM Protocols
For successful utilization of the driver selected, the
appropriate LT3882-1 PWM control protocol must be
programmed. The LTC3882-1 supports two three-state
PWM control protocols. See bit 1, of the MFR_PWM_
MODE_LTC3882-1 PMBus command.
Thefirstoftheseprotocols(bit1=0)isfordriverscontrolled
by a single 3-state input that have sufficiently short delay
to the diode emulation state (both top and bottom power
MOSFETs disabled in a fraction of a PWM cycle), such
as the LTC4449. The second protocol (bit 1=1) handles
all other 3.3V compatible drivers with a single 3-state
control input.
CIN Selection
The input bypass capacitance for an LTC3882-1 circuit
needs to have ESR low enough to keep the supply drop
low as the top MOSFETs turn on, RMS current capability
adequate to withstand the ripple current at the input, and
a capacitance value large enough to maintain the input
voltage until the input supply can make up the difference.
Generally, a capacitor that meets the first two require-
ments (particularly a non-ceramic type) will have far more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com