Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 89 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 89 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 85Page - Linear Technology LTC4449 Datasheet HTML 86Page - Linear Technology LTC4449 Datasheet HTML 87Page - Linear Technology LTC4449 Datasheet HTML 88Page - Linear Technology LTC4449 Datasheet HTML 89Page - Linear Technology LTC4449 Datasheet HTML 90Page - Linear Technology LTC4449 Datasheet HTML 91Page - Linear Technology LTC4449 Datasheet HTML 92Page - Linear Technology LTC4449 Datasheet HTML 93Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
LTC3882-1
89
Rev A
For more information www.analog.com
STATUS_MFR_SPECIFIC
The STATUS_MFR_SPECIFIC command returns one byte with LTC3882-1-specific status information.
STATUS_MFR_SPECIFIC Message Contents:
BIT
MEANING
7
Internal temperature fault (>160°C).
6
Internal temperature warning (>130°C).
5
EEPROM CRC error.
4
Internal PLL unlocked.
3
Fault log present.
2
Not supported (LTC3882-1 returns 0).
1
Output short cycled.
0
FAULT low.
If any supported bits are set, the MFR bit in the STATUS_WORD will be set and ALERT may be asserted. Any supported bit may be cleared by writing a 1 to
that bit position in STATUS_MFR_SPECIFIC, in lieu of a CLEAR_FAULTS command.
This command has one data byte.
MFR_PADS_LTC3882-1
The MFR_PADS_LTC3882-1 command provides status of the LTC3882-1 digital I/O and control pins, in addition to
general output voltage conditions.
MFR_PADS_LTC3882-1 Message Contents:
BIT
MEANING
15
Channel 1 is a slave.
14
Channel 0 is a slave.
13:12
Not supported (LTC3882-1 returns 0).
11
ADC results for IOUT may be invalid.
10
SYNC output disabled externally.
9
Channel 1 POWER_GOOD (normally returns 1 if slave).
8
Channel 0 POWER_GOOD (normally returns 1 if slave).
7
LTC3882-1 forcing RUN1 low.
6
LTC3882-1 forcing RUN0 low.
5
RUN1 pin state.
4
RUN0 pin state.
3
LTC3882-1 forcing FAULT1 low.
2
LTC3882-1 forcing FAULT0 low.
1
FAULT1 pin state.
0
FAULT0 pin state.
This read-only command has two data bytes.
PMBus COMMAND DETAILS (Status Reporting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com