Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology LTC4449 Datasheet HTML 36Page - Linear Technology LTC4449 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
LTC3882-1
33
Rev A
For more information www.analog.com
OPERATION
Global addressing provides a means for the bus master
to communicate with all LTC3882-1 devices on the bus
simultaneously. The LTC3882-1 global addresses of 0x5A
and 0x5B cannot be changed or disabled. Commands sent
to address 0x5A are applied to both channels, as if the
PAGE command were set to 0xFF. Global address 0x5B is
paged, allowing channel-specific control of all LTC3882-1
devices on the bus. Other LTC device types may respond
at one or both of these global addresses. Reading from
global addresses is strongly discouraged.
Rail addressing provides a means for the bus master to
simultaneously communicate with all channels connected
together to produce a single output voltage (PolyPhase).
While similar to global addressing, the rail address can
be dynamically assigned with the paged MFR_RAIL_AD-
DRESS command, allowing for any logical grouping of
channelsthatmightberequiredforreliablesystemcontrol.
Rail addresses should be unique for each single-phase or
PolyPhase rail. Different voltage rails should not attempt
to share a rail address. Reading from rail addresses is
also strongly discouraged.
Device addressing is the most common means used by a
bus master to communicate with an LTC3882-1. The value
of the device address is set by the combination of ASEL
pin programming and the MFR_ADDRESS command.
Refer to the previous section on Resistor Configuration
Pins for details.
Individual channel addressing allows the bus master to
communicate directly with a specific LTC3882-1 PWM
channel without first using a PAGE command. Refer to
the PAGE_PLUS commands for additional details.
Use of any of the four types of addressing requires careful
planning to avoid address-related bus conflicts. Commu-
nication to LTC3882-1 devices at global and rail addresses
should be limited to command write operations.
Figure 4. Quick Command Protocol
Figure 5. Send Byte Protocol
Figure 6. Send Byte Protocol with PEC
Figure 3. PMBus Packet Protocol Diagram Element Key
38821 F03
S
START CONDITION
Sr
REPEATED START CONDITION
Rd
READ (BIT VALUE OF 1)
Wr
WRITE (BIT VALUE OF 0)
A
ACKNOWLEDGE (BIT SHOULD BE 0), OR
NA
NOT ACKNOWLEDGE (BIT SHOULD BE 1)
P
STOP CONDITION
PEC PACKET ERROR CODE
MASTER TO SLAVE
SLAVE TO MASTER
CONTINUATION OF PROTOCOL
...
SLAVE ADDRESS Rd/Wr A P
38821 F04
S
7
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
Wr A
A P
38821 F05
S
7
8
1 1
1 1
1
SLAVE ADDRESS
COMMAND CODE
PEC
Wr A
A
A P
38821 F06
S
7
8
8
1 1
1
1 1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com