Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
LTC3882-1
7
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Digital Inputs (SCL, SDA, RUNn, FAULTn, SYNC, SHARE_CLOCK)
VIH
Input High Voltage
SCL, SDA, RUN0, RUN1, FAULT0, FAULT1
SYNC, SHARE_CLK
l
l
1.35
1.8
V
V
VIL
Input Low Voltage
SCL, SDA, RUN0, RUN1, FAULT0, FAULT1
SYNC, SHARE_CLK
l
l
0.8
0.6
V
V
VHYST
Input Hysteresis
SCL, SDA
80
mV
CIN
Input Capacitance
SCL, SDA, RUN0, RUN1, FAULT0, FAULT1, SYNC,
SHARE_CLK (Note 12)
10
pF
tFILT
Input Digital Filter Delay
FAULT0, FAULT1
RUN0, RUN1
3
10
µs
µs
Digital Outputs (SCL, SDA, RUNn, FAULTn, SYNC, SHARE_CLOCK, ALERT, PWMn, PGOODn)
VOL
Output Low Voltage
ISINK = 3mA; SDA, SCL, RUN0, RUN1, FAULT0,
FAULT1, SYNC, SHARE_CLK, ALERT,
ISINK = 2mA; PWMn, PGOODn
l
l
0.2
0.4
0.3
V
V
VOH
PWMn Output High Voltage
ISOURCE = 2mA
l
2.7
V
ILKG
Output Leakage Current
0V ≤ PWM0, PWM1, PGOOD0, PGOOD1 ≤ VDD33
0V ≤ FAULT0, FAULT1, SYNC, SHARE_CLK ≤ 3.6V
0V ≤ RUN0, RUN1 ≤ 5.5V
0V ≤ SCL, SDA, ALERT ≤ 5.5V
l
–1
–5
–5
1
5
5
µA
µA
µA
tRO
PWMn Output Rise Time
CLOAD = 30pF, 10% to 90%
5
ns
tFO
PWMn Output Fall Time
CLOAD = 30pF, 90% to 10%
4
ns
Serial Bus Timing
fSMB
Serial Bus Operating Frequency
l
10
400
kHz
tBUF
Bus Free Time Between Stop and Start
l
1.3
µs
tHD,STA
Hold Time After (Repeated) Start
Condition. After This Period, the First
Clock Is Generated
l
0.6
µs
tSU,STA
Repeated Start Condition Setup Time
l
0.6
µs
tSU,STO
Stop Condition Setup Time
l
0.6
µs
tHD,DAT
Data Hold Time:
Receiving Data
Transmitting Data
l
l
0
0.3
0.9
ns
µs
tSU,DAT
Input Data Setup Time
l
100
ns
tTIMEOUT
Clock Low Timeout
l
25
35
ms
tLOW
Serial Clock Low Period
l
1.3
10000
µs
tHIGH
Serial Clock High Period
l
0.6
µs
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). VCC = 5V, VSENSE0+ = VSENSE1+ = 1.8V, VSENSE0– =
VSENSE1– = IAVG_GND = GND = 0V, fSYNC = 500kHz (externally driven) unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com