Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 82 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 82 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 78Page - Linear Technology LTC4449 Datasheet HTML 79Page - Linear Technology LTC4449 Datasheet HTML 80Page - Linear Technology LTC4449 Datasheet HTML 81Page - Linear Technology LTC4449 Datasheet HTML 82Page - Linear Technology LTC4449 Datasheet HTML 83Page - Linear Technology LTC4449 Datasheet HTML 84Page - Linear Technology LTC4449 Datasheet HTML 85Page - Linear Technology LTC4449 Datasheet HTML 86Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
LTC3882-1
82
Rev A
For more information www.analog.com
IOUT_CAL_GAIN
The IOUT_CAL_GAIN command is used to set the resistance value of the output current sense element in milliohms.
This command has two data bytes in Linear_5s_11s format.
MFR_IOUT_CAL_GAIN_TC
The MFR_IOUT_CAL_GAIN_TC command sets the temperature coefficient of the output current sense element in
ppm/°C. Effective sense resistance, in milliohms, is computed by the LTC3882-1 as
RSENSE = IOUT_CAL_GAIN • (1 + 1E-6 • MFR_IOUT_CAL_GAIN_TC • (READ_TEMPERATURE_1 – 27))
This command has two data bytes representing a 2’s compliment integer.
IOUT_OC_FAULT_LIMIT
The IOUT_OC_FAULT_LIMIT command sets the value of the instantaneous peak output current, in amperes, which
will cause the OC supervisor to detect an output overcurrent fault. The LTC3882-1 uses the computed effective sense
resistance and the voltage across the ISENSE± inputs to determine the output current. The programmed limit voltage is
rounded to the nearest 0.4mV in a range from 0.0mV to 80.0mV. Output overcurrent faults are ignored during TON_RISE
and TOFF_FALL output sequencing.
This command has two data bytes in Linear_5s_11s format.
IOUT_OC_WARN_LIMIT
TheIOUT_OC_WARN_LIMITcommandsetsthevalueoftheoutputcurrentmeasuredbytheADC,inamperes,thatcauses
anoutputovercurrentwarning.Toprovidemeaningfulresponses,thisvalueshouldbesetbelowIOUT_OC_FAULT_LIMIT
minus 1/2 of the maximum anticipated ripple current. If the IOUT_OC_WARN_LIMIT is exceeded, the device:
• Sets the IOUT Bit in the STATUS_WORD
• Sets the IOUT Overcurrent Warning Bit in the STATUS_IOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
Output overcurrent warnings are ignored during TON_RISE and TOFF_FALL output sequencing.
This command has two data bytes in Linear_5s_11s format.
OUTPUT CURRENT AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
IOUT_CAL_GAIN
0x38 Ratio of ISENSE± voltage to sensed current.
R/W Word
Y
L11
mΩ
l
0.63mΩ
0xB285
MFR_IOUT_CAL_GAIN_TC
0xF6 Output current sense element temperature
coefficient.
R/W Word
Y
CF
ppm/°C
l
3900ppm/°C
0x0F3C
IOUT_OC_FAULT_LIMIT
0x46 Output overcurrent fault limit.
R/W Word
Y
L11
A
l
29.75A
0xDBB8
IOUT_OC_WARN_LIMIT
0x4A Output overcurrent warning limit.
R/W Word
Y
L11
A
l
20.0A
0xDA80
Related commands: STATUS_IOUT, SMBALERT_MASK, READ_IOUT, MFR_IOUT_PEAK, READ_POUT, IOUT_OC_FAULT_RESPONSE, MFR_VOUT_AVP
PMBus COMMAND DETAILS (Output Current and Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com