Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 63 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 63 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 59Page - Linear Technology LTC4449 Datasheet HTML 60Page - Linear Technology LTC4449 Datasheet HTML 61Page - Linear Technology LTC4449 Datasheet HTML 62Page - Linear Technology LTC4449 Datasheet HTML 63Page - Linear Technology LTC4449 Datasheet HTML 64Page - Linear Technology LTC4449 Datasheet HTML 65Page - Linear Technology LTC4449 Datasheet HTML 66Page - Linear Technology LTC4449 Datasheet HTML 67Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
LTC3882-1
63
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
If an external source supplies VDD33 directly, the following
formula may be used to estimate the maximum average
power dissipation PD (in watts) of the LTC3882-1
PD = VDD33(0.024 + fPWM • 1.6e-5 + IRC25)
The maximum junction temperature of the LTC3882-1 in
°C may then be found from the following equation
TJ = TA + 33 • PD
with ambient temperature TA expressed in °C
Derating EEPROM Retention at Temperature
EEPROMreadoperationsbetween85°Cand125°Cwillnot
affect data storage. But retention will be degraded if the
EEPROM is written above 85°C or stored above 125°C. If
an occasional fault log is generated above 85°C, the slight
reduction in data retention in the EEPROM fault log area
will not affect the use of the function or other EEPROM
storage. See the Operation section for other high tem-
perature EEPROM functional details. Degradation in data
can be approximated by calculating the dimensionless
acceleration factor using the following equation.
AF = e
Ea
k
⎛
⎝⎜
⎞
⎠⎟
•
1
TUSE+273
−
1
TSTRESS+273
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
Where:
AF = acceleration factor
Ea = activation energy = 1.4eV
k = 8.617 • 10–5 eV/°K
TUSE = is the specified junction temperature
TSTRESS = actual junction temperature in °C
Asanexample,ifthedeviceisstoredat130°Cfor10hours,
TSTRESS = 130°C, and
AF = e
1.4
8.617•10–5
⎛
⎝⎜
⎞
⎠⎟
•
1
398
−
1
403
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎤
⎦
⎥
= 1.66
indicating the effect is the same as operating the device at
125°C for 10 • 1.66 = 16.6 hours, resulting in a retention
derating of 6.6 hours.
Configuring Open-Drain Pins
The LTC3882-1 has the following open-drain pins:
3.3V Pins
1. PGOODn
2. FAULT
n
2. SYNC
3. SHARE_CLK
5V-Capable Pins
(These pins operate correctly when pulled to 3.3V.)
1. RUNn
2. ALERT
3. SCL
4. SDA
All of the above pins have on-chip pull-down transistors
that can sink 3mA at 0.4V. The low-state threshold on
these pins provides ample noise margin exists with 3mA
of current. For 3.3V pins, 3mA of current is produced by
a 1.1k pull-up resistor. Unless there are transient speed
issues associated with the RC time constant of the net, a
10k resistor or larger is generally recommended.
The pull-up resistor for PGOOD should be terminated to
the LTC3882-1 VDD33 pin or a separate bias supply under
3.6VthatisupbeforetheLTC3882-1isenabled.Otherwise,
power-not-good may be falsely indicated after the PWM
outputs are running.
The SYNC pin has an on-chip pull-down transistor with
the output held low for nominally 250ns when driven by
the LTC3882-1. If the internal oscillator is set for 500kHz
and the load is 100pF with a 1/3 rise time required, the
resistor calculation is as follows:
RPULLUP =
2µs – 250ns
3 • 100pF
= 5.83k
The closest 1% resistor is 5.76k.
If timing errors are occurring or if the SYNC amplitude
is not as large as required, monitor the waveform and
determine if the RC time constant is too long for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com