Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 91 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 91 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 87Page - Linear Technology LTC4449 Datasheet HTML 88Page - Linear Technology LTC4449 Datasheet HTML 89Page - Linear Technology LTC4449 Datasheet HTML 90Page - Linear Technology LTC4449 Datasheet HTML 91Page - Linear Technology LTC4449 Datasheet HTML 92Page - Linear Technology LTC4449 Datasheet HTML 93Page - Linear Technology LTC4449 Datasheet HTML 94Page - Linear Technology LTC4449 Datasheet HTML 95Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
LTC3882-1
91
Rev A
For more information www.analog.com
TELEMETRY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
READ_VIN
0x88 Measured VIN.
R Word
N
L11
V
MFR_VIN_PEAK
0xDE Maximum VIN measurement since last
MFR_CLEAR_PEAKS.
R Word
N
L11
V
READ_VOUT
0x8B Measured VOUT.
R Word
Y
L16
V
MFR_VOUT_PEAK
0xDD Maximum VOUT measurement since last
MFR_CLEAR_PEAKS.
R Word
Y
L16
V
READ_IOUT
0x8C Measured IOUT.
R Word
Y
L11
A
MFR_IOUT_PEAK
0xD7 Maximum IOUT measurement since last
MFR_CLEAR_PEAKS.
R Word
Y
L11
A
READ_POUT
0x96 Calculated output power.
R Word
Y
L11
W
READ_TEMPERATURE_1
0x8D Measured external temperature.
R Word
Y
L11
°C
MFR_TEMPERATURE_1_PEAK
0xDF Maximum external temperature measurement
since last MFR_CLEAR_PEAKS.
R Word
Y
L11
°C
READ_TEMPERATURE_2
0x8E Measured internal temperature.
R Word
N
L11
°C
MFR_TEMPERATURE_2_PEAK
0xF4 Maximum internal temperature measurement
since last MFR_CLEAR_PEAKS.
R Word
N
L11
°C
READ_DUTY_CYCLE
0x94 Measured commanded PWM duty cycle.
R Word
Y
L11
%
READ_FREQUENCY
0x95 Measured PWM input clock frequency.
R Word
Y
L11
kHz
MFR_CLEAR_PEAKS
0xE3 Clear all peak values.
Send Byte
N
Related commands: IOUT_CAL_GAIN, MFR_IOUT_CAL_GAIN_TC, MFR_PWM_MODE_LTC3882-1
READ_VIN
The READ_VIN command returns the input voltage measured between VINSNS and GND in volts.
This read-only command has two data bytes in Linear_5s_11s format.
MFR_VIN_PEAK
The MFR_VIN_PEAK command reports the highest voltage, in volts, measured for READ_VIN. This peak value can be
reset by a MFR_CLEAR_PEAKS command.
This read-only command has two data bytes in Linear_5s_11s format.
READ_VOUT
The READ_VOUT command returns the output voltage measured at the VSENSE± pins in volts.
This read-only command has two data bytes in Linear_16u format.
MFR_VOUT_PEAK
The MFR_VOUT_PEAK command reports the highest voltage, in volts, measured for READ_VOUT. This peak value can
be reset by a MFR_CLEAR_PEAKS command.
This read-only command has two data bytes in Linear_16u format.
PMBus COMMAND DETAILS (Status Reporting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com